Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS521 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAS521
Description  High voltage switching diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS521 Datasheet(HTML) 3 Page - NXP Semiconductors

  BAS521 Datasheet HTML 1Page - NXP Semiconductors BAS521 Datasheet HTML 2Page - NXP Semiconductors BAS521 Datasheet HTML 3Page - NXP Semiconductors BAS521 Datasheet HTML 4Page - NXP Semiconductors BAS521 Datasheet HTML 5Page - NXP Semiconductors BAS521 Datasheet HTML 6Page - NXP Semiconductors BAS521 Datasheet HTML 7Page - NXP Semiconductors BAS521 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2003 Aug 12
3
NXP Semiconductors
Product data sheet
High voltage switching diode
BAS521
ELECTRICAL CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
Note
1.
Pulse test: tp = 300 µs; δ = 0.02.
THERMAL CHARACTERISTICS
Notes
1.
Soldering point of the cathode tab.
2.
Refer to SOD523 (SC-79) standard mounting conditions.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VBR
breakdown voltage
IR = 100 µA
300
340
−
V
VF
forward voltage
IF = 100 mA; note 1
−
0.95
1.1
V
IR
reverse current
VR = 250 V
−
30
150
nA
VR = 250 V; Ta = 150 °C
−
40
100
µA
trr
reverse recovery time
when switched from IF = 30 mA to
IR = 30 mA; RL = 100 Ω; measured at
IR = 3 mA
−
16
50
ns
Cd
diode capacitance
VR = 0 V; f = 1 MHz
−
0.4
5
pF
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to solder point
note 1
120
K/W
Rth j-a
thermal resistance from junction to ambient
note 2
500
K/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com