Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT18 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAT18
Description  Silicon planar diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAT18 Datasheet(HTML) 2 Page - NXP Semiconductors

  BAT18 Datasheet HTML 1Page - NXP Semiconductors BAT18 Datasheet HTML 2Page - NXP Semiconductors BAT18 Datasheet HTML 3Page - NXP Semiconductors BAT18 Datasheet HTML 4Page - NXP Semiconductors BAT18 Datasheet HTML 5Page - NXP Semiconductors BAT18 Datasheet HTML 6Page - NXP Semiconductors BAT18 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
9397 750 13385
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 — 31 August 2004
2 of 7
Philips Semiconductors
BAT18
Silicon planar diode
4.
Marking
[1]
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China.
5.
Limiting values
6.
Thermal characteristics
[1]
Device mounted on a FR4 printed-circuit board.
7.
Characteristics
Table 3:
Marking
Type number
Marking code [1]
BAT18
10*
Table 4:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
continuous reverse voltage
-
35
V
IF
continuous forward current
-
100
mA
Tstg
storage temperature
−55
+125
°C
Tj
junction temperature
-
125
°C
Table 5:
Thermal characteristics
Tj = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-tp)
thermal resistance from junction to tie-point
330
K/W
Rth(j-a)
thermal resistance from junction to ambient
[1] 500
K/W
Table 6:
Electrical characteristics
Symbol Parameter
Conditions
Min
Typ
Max Unit
VF
forward voltage
IF = 100 mA; see Figure 1
-
-
1.2
V
IR
reverse current
see Figure 2
VR = 20 V
-
-
100
nA
VR = 20 V; Tj =60 °C
--1
µA
Cd
diode capacitance VR = 20 V; f = 1 MHz; see Figure 3
-
0.8
1.0
pF
rD
diode forward
resistance
IF = 5 mA; f = 200 MHz; see Figure 4
-
0.5
0.7
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com