Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6722BRFP300 Datasheet(PDF) 72 Page - Texas Instruments

Part # TMS320C6722BRFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6722BRFP300 Datasheet(HTML) 72 Page - Texas Instruments

Back Button TMS320C6722BRFP300 Datasheet HTML 68Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 69Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 70Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 71Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 72Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 73Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 74Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 75Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 118 page
background image
4.13.1 McASP Peripheral Registers Description(s)
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
www.ti.com
Table 4-20 is a list of the McASP registers. For more information about these registers, see the
TMS320C672x DSP Multichannel Audio Serial Port (McASP) Reference Guide (literature number
SPRU878).
Table 4-20. McASP Registers Accessed Through Peripheral Configuration Bus
McASP0
McASP1
McASP2
REGISTER
BYTE
BYTE
BYTE
DESCRIPTION
NAME
ADDRESS
ADDRESS
ADDRESS
Device-Level Configuration Registers Controlling McASP
0x4000 0018
0x4000 001C
0x4000 0020
CFGMCASPx
Selects the peripheral pin to be used as AMUTEINx
McASP Internal Registers
0x4400 0000
0x4500 0000
0x4600 0000
PID
Peripheral identification register
0x4400 0004
0x4500 0004
0x4600 0004
PWRDEMU
Power down and emulation management register
0x4400 0010
0x4500 0010
0x4600 0010
PFUNC
Pin function register
0x4400 0014
0x4500 0014
0x4600 0014
PDIR
Pin direction register
0x4400 0018
0x4500 0018
0x4600 0018
PDOUT
Pin data output register
0x4400 001C
0x4500 001C
0x4600 001C
PDIN (reads)
Read returns: Pin data input register
PDSET (writes)
Writes affect: Pin data set register
(alternate write address: PDOUT)
0x4400 0020
0x4500 0020
0x4600 0020
PDCLR
Pin data clear register (alternate write address: PDOUT)
0x4400 0044
0x4500 0044
0x4600 0044
GBLCTL
Global control register
0x4400 0048
0x4500 0048
0x4600 0048
AMUTE
Audio mute control register
0x4400 004C
0x4500 004C
0x4600 004C
DLBCTL
Digital loopback control register
0x4400 0050
0x4500 0050
0x4600 0050
DITCTL
DIT mode control register
0x4400 0060
0x4500 0060
0x4600 0060
RGBLCTL
Receiver global control register: Alias of GBLCTL, only
receive bits are affected - allows receiver to be reset
independently from transmitter
0x4400 0064
0x4500 0064
0x4600 0064
RMASK
Receive format unit bit mask register
0x4400 0068
0x4500 0068
0x4600 0068
RFMT
Receive bit stream format register
0x4400 006C
0x4500 006C
0x4600 006C
AFSRCTL
Receive frame sync control register
0x4400 0070
0x4500 0070
0x4600 0070
ACLKRCTL
Receive clock control register
0x4400 0074
0x4500 0074
0x4600 0074
AHCLKRCTL
Receive high-frequency clock control register
0x4400 0078
0x4500 0078
0x4600 0078
RTDM
Receive TDM time slot 0-31 register
0x4400 007C
0x4500 007C
0x4600 007C
RINTCTL
Receiver interrupt control register
0x4400 0080
0x4500 0080
0x4600 0080
RSTAT
Receiver status register
0x4400 0084
0x4500 0084
0x4600 0084
RSLOT
Current receive TDM time slot register
0x4400 0088
0x4500 0088
0x4600 0088
RCLKCHK
Receive clock check control register
0x4400 008C
0x4500 008C
0x4600 008C
REVTCTL
Receiver DMA event control register
0x4400 00A0
0x4500 00A0
0x4600 00A0
XGBLCTL
Transmitter global control register. Alias of GBLCTL, only
transmit bits are affected - allows transmitter to be reset
independently from receiver
0x4400 00A4
0x4500 00A4
0x4600 00A4
XMASK
Transmit format unit bit mask register
0x4400 00A8
0x4500 00A8
0x4600 00A8
XFMT
Transmit bit stream format register
0x4400 00AC
0x4500 00AC
0x4600 00AC
AFSXCTL
Transmit frame sync control register
0x4400 00B0
0x4500 00B0
0x4600 00B0
ACLKXCTL
Transmit clock control register
0x4400 00B4
0x4500 00B4
0x4600 00B4
AHCLKXCTL
Transmit high-frequency clock control register
0x4400 00B8
0x4500 00B8
0x4600 00B8
XTDM
Transmit TDM time slot 0-31 register
0x4400 00BC
0x4500 00BC
0x4600 00BC
XINTCTL
Transmitter interrupt control register
0x4400 00C0
0x4500 00C0
0x4600 00C0
XSTAT
Transmitter status register
0x4400 00C4
0x4500 00C4
0x4600 00C4
XSLOT
Current transmit TDM time slot register
Peripheral and Electrical Specifications
72
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com