Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS49312 Datasheet(PDF) 89 Page - Cirrus Logic

Part # CS49312
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49312 Datasheet(HTML) 89 Page - Cirrus Logic

Back Button CS49312 Datasheet HTML 82Page - Cirrus Logic CS49312 Datasheet HTML 83Page - Cirrus Logic CS49312 Datasheet HTML 84Page - Cirrus Logic CS49312 Datasheet HTML 85Page - Cirrus Logic CS49312 Datasheet HTML 86Page - Cirrus Logic CS49312 Datasheet HTML 87Page - Cirrus Logic CS49312 Datasheet HTML 88Page - Cirrus Logic CS49312 Datasheet HTML 89Page - Cirrus Logic CS49312 Datasheet HTML 90Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 89 / 90 page
background image
CS49300 Family DSP
DS339F7
89
15. DOCUMENT REVISIONS
Revision
Date
Changes
PP4
Mar 2003
Last preliminary release.
F1
Feb 2004
Initial final release.
1. p.73, Corrected Hex Message ”B” Value 74 from:
0x0014C0 to 0x0028C0
2. p. 84, Added ROM ID-5 devices and a note on ordering lead-free devices to
“Ordering Information”. Also added a description of the characters that comprise
the part number.
3. Removed ambient temperature condition (TA=25°C) from Spec Tables.
4. Changed Note 6. in Table 1.9 (p.12) and Table 1.10 (p.14) from:
With a 4.7k Ohm pull-up resistor this value is typically 215ns. As this pin is open
drain adjusting the pull up value will affect the rise time.
to
With a 3.3k Ohm pull-up resistor this value is typically 260ns. As this pin is open
drain adjusting the pull up value will affect the rise time.
5. Added a section “2.1. - CS493XX Document Strategy” (p.21)
6. p.10, Changed CS to DS for Tmdd
7. p.10, Deleted the word “low” from the Parameter column for Tmdis
8. p. 84 Added two diagrams that indicate how to determine the “Device Revi-
sion Level” from the 10-character or the 12-character Pack Mark written on the
top of chip, below the device number.
9. p. 80, Made reference to the use of pin 4 & pin 5 as mode select pin at reset.
Also added that both these pins require 3.3 k Ohm pull-up or pull-down
10. p. 81, Changed pin 19 & pin 20 pull-up/down resistor requirement to 3.3 k
Ohm. Also mention of pin 19 usage as a mode select pin during reset.
F2
Apr 2004
Changed “All bidirectional pins high-Z after RESET low” ( Trst2z) parameter from
50ns Max to 100ns Max. See page 8.
F3
APR 2005
Updated Device Ordering Information to include Pb-free devices.
F4
JUN 2005
Corrected error in mechanical information - “e”, pin spacing from .102 mm to
1.016 mm
F5
NOV 2005
Updated CLKIN high/low times to 14 ns. Added “Delay from falling edge of
CMPREQ to CMPCLK rising edge” parameter to Serial Bursty Data Input timing
(0 ns). Updated same timing diagram to include Treqclk parameter.
F6
JAN 2006
AddedThermal Data section (section 1.3)
F7
APR 2006
Added Note 3 and Note 4 to Section 1.3, “Thermal Data” on page 7. Corrected
copyright date.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com