Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS49326 Datasheet(PDF) 69 Page - Cirrus Logic

Part # CS49326
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49326 Datasheet(HTML) 69 Page - Cirrus Logic

Back Button CS49326 Datasheet HTML 65Page - Cirrus Logic CS49326 Datasheet HTML 66Page - Cirrus Logic CS49326 Datasheet HTML 67Page - Cirrus Logic CS49326 Datasheet HTML 68Page - Cirrus Logic CS49326 Datasheet HTML 69Page - Cirrus Logic CS49326 Datasheet HTML 70Page - Cirrus Logic CS49326 Datasheet HTML 71Page - Cirrus Logic CS49326 Datasheet HTML 72Page - Cirrus Logic CS49326 Datasheet HTML 73Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 90 page
background image
CS49300 Family DSP
DS339F7
69
10. DIGITAL INPUT & OUTPUT
The CS493XX supports a wide variety of data input
and output mechanisms through various input and
output ports. Hardware availability is entirely
dependent on whether the software application
code being used supports the required mode. This
data sheet presents most of the modes available
with the CS493XX hardware. This does not mean
that all of the modes are available with any
particular
piece
of
application
code.
The
application code user’s guide for the particular
code
being
used
should
be
referenced
to
determine if a particular mode is supported. In
addition if a particular mode is desired that is not
presented,
please
contact
your
sales
representative as to its availability.
10.1. Digital Audio Formats
This subsection will describe some common audio
formats that the CS493XX supports. It should be
noted that the input ports use up to 24-bit PCM
resolution and 16-bit compressed data word
lengths. The output port of the CS493XX provides
up to 24-bit PCM resolution.
10.1.1.I2S
Figure 43, "I2S Format" on page 69 shows the I2S
format. For I2S, data is presented most significant
bit first, one SCLK delay after the transition of
LRCLK and is valid on the rising edge of SCLK. For
the I2S format, the left subframe is presented when
LRCLK is low and the right subframe is presented
when LRCLK is high. SCLK is required to run at a
frequency of 48Fs or greater on the input ports.
10.1.2.Left Justified
Figure 44 shows the left justified format with a
rising edge SCCLK. Data is presented most
significant bit first on the first SCLK after an LRCLK
transition and is valid on the rising edge of SCLK.
For the left justified format, the left subframe is
presented when LRCLK is high and the right
subframe is presented when LRCLK is low. The
left justified format can also be programmed for
data to be valid on the falling edge of SCLK. SCLK
is required to run at a frequency of 48Fs or greater
on the input ports.
10.1.3.Multichannel
Figure 45 shows the multichannel format. In this
format up to 6 channels of audio are presented on
one data line with M bits per channel. Channels 0,
2, and 4 are presented while the LRCLK is high
and channels 1, 3, 5 are presented while the
LRCLK is low. Data is valid on the rising edge of
SCLK and is presented most significant bit first. It
should be noted that in the multichannel modes the
SCLK rate must be greater than the number of bits
per channel multiplied by the number of channels.
In the example SCLK must be greater than M * 6.
Because each of the ports is fully configurable
(SCLK polarity, LRCLK polarity, Word Width,
SCLK Rate) not all modes have been presented.
LR C K
SC L K
SD AT A
MS B
LS B
Left
R ig ht
MS B
LS B
Figure 43. I2S Format
LR C K
SC L K
SD A T A
MS B
LS B
Le ft
R ig h t
MS B
LS B
MS B
Figure 44. Left Justified Format (Rising Edge Valid SCLK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com