Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4297A Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS4297A
Description  Audio Codec ??7 with Headphone Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297A Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS4297A Datasheet HTML 12Page - Cirrus Logic CS4297A Datasheet HTML 13Page - Cirrus Logic CS4297A Datasheet HTML 14Page - Cirrus Logic CS4297A Datasheet HTML 15Page - Cirrus Logic CS4297A Datasheet HTML 16Page - Cirrus Logic CS4297A Datasheet HTML 17Page - Cirrus Logic CS4297A Datasheet HTML 18Page - Cirrus Logic CS4297A Datasheet HTML 19Page - Cirrus Logic CS4297A Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 66 page
background image
CS4202
16
DS549PP2
3.1
AC-Link Serial Data Output Frame
In the serial data output frame, data is passed on the SDATA_OUT pin to the CS4202 from the AC ’97
controller. Figure 9 illustrates the serial port timing.
The PCM playback data being passed to the CS4202 is shifted out MSB first in the most significant bits
of each slot. Any PCM data from the AC ’97 controller that is not 20 bits wide should be left justified in
its corresponding slot and dithered or zero-padded in the unused bit positions.
Bits that are reserved should always be ‘cleared’ by the AC ’97 controller.
3.1.1
Serial Data Output Slot Tags (Slot 0)
Valid Frame
The Valid Frame bit determines if any of the following slots contain either valid playback data
for the CS4202 or data for read/write operations. When ‘set’, at least one of the other AC-link
slots contains valid data. If this bit is ‘clear’, the remainder of the frame is ignored.
Slot 1 Valid
The Slot 1 Valid bit indicates a valid register read/write address for a primary codec.
Slot 2 Valid
The Slot 2 Valid bit indicates valid register write data for a primary codec.
Slot [3:4,6:11] Valid
The Slot [3:4,6:11] Valid bits indicate the validity of data in their corresponding serial data out-
put slots. If a bit is ‘set’, the corresponding output slot contains valid data. If a bit is ‘cleared’,
the corresponding slot will be ignored.
Slot 12 Valid
The Slot 12 Valid bit indicates if output Slot 12 contains valid GPIO control data.
Codec ID[1:0]
The Codec ID[1:0] bits determine which codec is being accessed during the current AC-link
frame. Codec ID[1:0] = 00 indicates the primary codec is being accessed. Codec ID[1:0] = 01,
10, or 11 indicates one of three possible secondary codecs is being accessed. A Codec ID
value of 01, 10, or 11 also indicates a valid read/write address and/or valid register write data
for a secondary codec.
3.1.2
Command Address Port (Slot 1)
R/W
Read/Write. When this bit is ‘set’, a read of the AC ’97 register specified by the register index
bits will occur in the AC ’97 2.x audio codec. When the bit is ‘cleared’, a write will occur. For
any read or write access to occur, the Valid Frame bit (F0) must be ‘set’ and the Codec ID[1:0]
bits (F[14:15]) must match the Codec ID of the AC ’97 2.x audio codec being accessed. Ad-
ditionally, for a primary codec, the Slot 1 Valid bit (F1) must be ‘set’ for a read access and
both the Slot 1 Valid bit (F1) and the Slot 2 Valid bit (F2) must be ‘set’ for a write access. For
a secondary codec, both the Slot 1 Valid bit (F1) and the Slot 2 Valid bit (F2) must be ‘cleared’
for read and write accesses. See Figure 9 for bit frame positions.
RI[6:0]
Register Index. The RI[6:0] bits contain the 7-bit register index to the AC ’97 registers in the
CS4202. All registers are defined at word addressable boundaries. The RI0 bit must be ‘clear’
to access CS4202 registers.
Bit 15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Valid
Frame
Slot 1
Valid
Slot 2
Valid
Slot 3
Valid
Slot 4
Valid
Not
Implem
Slot 6
Valid
Slot 7
Valid
Slot 8
Valid
Slot 9
Valid
Slot 10
Valid
Slot 11
Valid
Slot 12
Valid
Res
Codec
ID1
Codec
ID0
Bit 19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R/W
RI6
RI5
RI4
RI3
RI2
RI1
RI0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com