Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5361 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS5361
Description  114 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5361 Datasheet(HTML) 3 Page - Cirrus Logic

  CS5361_05 Datasheet HTML 1Page - Cirrus Logic CS5361_05 Datasheet HTML 2Page - Cirrus Logic CS5361_05 Datasheet HTML 3Page - Cirrus Logic CS5361_05 Datasheet HTML 4Page - Cirrus Logic CS5361_05 Datasheet HTML 5Page - Cirrus Logic CS5361_05 Datasheet HTML 6Page - Cirrus Logic CS5361_05 Datasheet HTML 7Page - Cirrus Logic CS5361_05 Datasheet HTML 8Page - Cirrus Logic CS5361_05 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
CS5361
DS467F2
3
LIST OF FIGURES
Figure 1. Single Speed Mode Stopband Rejection ..................................................... 8
Figure 2. Single Speed Mode Transition Band ........................................................... 8
Figure 3. Single Speed Mode Transition Band (Detail) .............................................. 8
Figure 4. Single Speed Mode Passband Ripple ......................................................... 8
Figure 5. Double Speed Mode Stopband Rejection ................................................... 8
Figure 6. Double Speed Mode Transition Band ......................................................... 8
Figure 7. Double Speed Mode Transition Band (Detail) ............................................. 9
Figure 8. Double Speed Mode Passband Ripple ....................................................... 9
Figure 9. Quad Speed Mode Stopband Rejection ...................................................... 9
Figure 10. Quad Speed Mode Transition Band .......................................................... 9
Figure 11. Quad Speed Mode Transition Band (Detail) ............................................. 9
Figure 12. Quad Speed Mode Passband Ripple ........................................................ 9
Figure 13. Master Mode, Left Justified SAI .............................................................. 12
Figure 14. Slave Mode, Left Justified SAI ................................................................ 12
Figure 15. Master Mode, I2S SAI .............................................................................. 12
Figure 16. Slave Mode, I2S SAI ................................................................................ 12
Figure 17. OVFL Output Timing ............................................................................... 12
Figure 18. Left Justified Serial Audio Interface ......................................................... 13
Figure 19. I2S Serial Audio Interface ........................................................................ 13
Figure 20. OVFL Output Timing, I2S Format ............................................................ 13
Figure 21. OVFL Output Timing, Left-Justified Format ............................................. 13
Figure 22. Typical Connection Diagram ................................................................... 15
Figure 23. CS5361 Master Mode Clocking ............................................................... 17
Figure 24. CS5361 Recommended Analog Input Buffer .......................................... 18
LIST OF TABLES
Table 1. CS5361 Mode Control .............................................................................. 16
Table 2. CS5361 Slave Mode Clock Ratios ........................................................... 16
Table 3. CS5361 Common Master Clock Frequencies .......................................... 17
Table 4. Revision History ....................................................................................... 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com