Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5374 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS5374
Description  Dual High-performance Amplifier & ?誇 Modulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5374 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS5374 Datasheet HTML 19Page - Cirrus Logic CS5374 Datasheet HTML 20Page - Cirrus Logic CS5374 Datasheet HTML 21Page - Cirrus Logic CS5374 Datasheet HTML 22Page - Cirrus Logic CS5374 Datasheet HTML 23Page - Cirrus Logic CS5374 Datasheet HTML 24Page - Cirrus Logic CS5374 Datasheet HTML 25Page - Cirrus Logic CS5374 Datasheet HTML 26Page - Cirrus Logic CS5374 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
CS5374
CS5374
DS862F1
DS862F1
23
5.3 SPI Registers
The CS5374 SPI registers are 8-bit registers that
control the CS5374 hardware configuration. See
“SPITM Register Summary” on page 34 for de-
tailed bit definitions of the SPI registers listed in
Table 2.
5.3.1
VERSION — 0x00
The VERSION register indicates the hardware re-
vision of the CS5374 device. Read only.
Reset Condition : 0000_0001
Normal Operation : 0000_0001
Power Down Operation : 0000_0001
5.3.2
AMP1CFG — 0x01
The AMP1CFG register controls the amplifier
MUX and GAIN settings for channel 1. It also en-
ables PWDN mode for the channel 1 amplifier plus
enables the GUARD output for channels 1 & 2.
Reset Condition : 0000_0000
Normal Operation : 00MM_0GGG
Power Down Operation : 1000_0000
5.3.3
AMP2CFG — 0x02
The AMP2CFG register controls the amplifier
MUX and GAIN settings for channel 2. It also en-
ables PWDN mode for the channel 2 amplifier.
Reset Condition : 0000_0000
Normal Operation : 00MM_0GGG
Power Down Operation : 1000_0000
Name
Addr.
Type
# Bits
Description
VERSION
0x00
R
8
Device Version ID
AMP1CFG
0x01
R/W
8
Amplifier 1 configuration
AMP2CFG
0x02
R/W
8
Amplifier 2 configuration
ADCCFG
0x03
R/W
8
Modulator 1 & 2 configuration
PWRCFG
0x04
R/W
8
Power configuration
Table 2. SPI Configuration Registers
Gain Selection
GAIN2
GAIN1
GAIN0
1x
0
0
0
2x
0
0
1
4x
0
1
0
8x
0
1
1
16x
1
0
0
32x
1
0
1
64x
1
1
0
reserved
1
1
1
Input Selection
MUX1
MUX0
800
Ω termination
0
0
INA only
1
0
INB only
0
1
INA + INB
1
1
Table 3. Digital Selections for Gain and Input Mux Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com