Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5525 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS5525
Description  16-bit/20-bit, Multi-range ADC with 4-bit Latch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5525 Datasheet(HTML) 2 Page - Cirrus Logic

  CS5525_05 Datasheet HTML 1Page - Cirrus Logic CS5525_05 Datasheet HTML 2Page - Cirrus Logic CS5525_05 Datasheet HTML 3Page - Cirrus Logic CS5525_05 Datasheet HTML 4Page - Cirrus Logic CS5525_05 Datasheet HTML 5Page - Cirrus Logic CS5525_05 Datasheet HTML 6Page - Cirrus Logic CS5525_05 Datasheet HTML 7Page - Cirrus Logic CS5525_05 Datasheet HTML 8Page - Cirrus Logic CS5525_05 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
CS5525 CS5526
2
DS202F5
ANALOG CHARACTERISTICS (T
A = 25 °C; VA+, VD+ = 5 V ±5%; VREF+ = 2.5 V, VREF- = AGND,
NBV = -2.1 V, FCLK = 32.768 kHz, OWR (Output Word Rate) = 15 Sps, Bipolar Mode, Input Range = ±100 mV;
See Notes 1 and 2.)
Notes: 1. Applies after system calibration at any temperature within -40 °C ~ +85 °C.
2. Specifications guaranteed by design, characterization, and/or test.
3. Specification applies to the device only and does not include any effects by external parasitic
thermocouples. LSB = LSB16 for the CS5525, and LSB20 for the CS5526.
4. Drift over specified temperature range after calibration at power-up at 25 °C.
5. See the section of the data sheet which discusses input models on page 15.
RMS NOISE (Notes 6 and 7)
Notes: 6. Wideband noise aliased into the baseband. Referred to the input. Typical values shown for 25 °C.
7. For Peak-to-Peak Noise multiply by 6.6 for all ranges and output rates.
8. For input ranges <100 mV and output word rates >60 Sps, 32.768 kHz chopping frequency is used.
Specifications are subject to change without notice.
Parameter
CS5525
CS5526
Min
Typ
Max
Min
Typ
Max
Unit
Accuracy
Linearity Error
-
±0.0015 ±0.003
-
±0.0007 ±0.0015 %FS
No Missing Codes
16
-
-
20
-
-
Bits
Bipolar Offset
(Note 3)
-
±1±2
-
±16
±32
LSB
Unipolar Offset
(Note 3)
-
±2
±4-
±32
±64
LSB
Offset Drift
(Notes 3 and 4)
-
20
-
-
20
-
nV/°C
Bipolar Gain Error
-
±8
±31
-
±8
±31
ppm
Unipolar Gain Error
-
±16
±62
-
±16
±62
ppm
Gain Drift
(Note 4)
-
1
3
-
1
3
ppm/°C
Voltage Reference Input
Range
(VREF+) - (VREF-)
1
2.5
3.0
1
2.5
3.0
V
Common Mode Rejection
dc
50, 60 Hz
-
-
110
130
-
-
-
-
110
130
-
-
dB
dB
Input Capacitance
-
16
-
-
16
-
pF
CVF Current
(Note 5)
-
0.6
-
-
0.6
-
µA/V
Output Rate
(Sps)
-3 dB Filter
Frequency
Input Range, (Bipolar/Unipolar Mode)
25 mV
55 mV
100 mV
1 V
2.5 V
5 V
3.76
3.27
90 nV
90 nV
130 nV
1.0 µV
2.0 µV
4.0 µV
7.51
6.55
110 nV
130 nV
190 nV
1.5 µV
3.0 µV
7 µV
15.0
12.7
170 nV
200 nV
250 nV
2.0 µV
5.0 µV
10 µV
30.1
25.4
250 nV
300 nV
500 nV
4.0 µV
10 µV
15 µV
60.0
50.4
500 nV
1.0 µV
1.5 µV
15 µV
45 µV
85 µV
123.2 (Note 8)
103.6
2.0 µV
4.0 µV
8.0 µV
72 µV
190 µV
350 µV
168.9 (Note 8)
141.3
10 µV
20.0 µV
30 µV
340 µV
900 µV
2.0 mV
202.3 (Note 8)
169.2
30 µV
55 µV
105 µV
1.1 mV
2.4 mV
5.3 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com