Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8130 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS8130
Description  Revision G Addendum
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8130 Datasheet(HTML) 3 Page - Cirrus Logic

  CS8130_06 Datasheet HTML 1Page - Cirrus Logic CS8130_06 Datasheet HTML 2Page - Cirrus Logic CS8130_06 Datasheet HTML 3Page - Cirrus Logic CS8130_06 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS134PP2-B
3
RECEIVER CHARACTERISTICS (T
A = 25 °C; V+ = 3.0 V, Digital Input Levels: Logic 0 = 0 V,
Logic 1 = V+; unless otherwise specified)
Notes: 5. Typical PIN diode junction capacitance is 70 pF.
6. The temperature coefficient of the receiver threshold setting is low. Current detection thresholds are
above the DC ambient condition. Settings of RS4-0 of less than 00010 are not practical because of
noise. RX threshold settings are roughly linear following the formula:
Threshold (nA) = (RX setting + 1) * 20 + 36.
7. Turn-around time is the time taken for the PIN diode receiver to recover from the IR energy from the
local transmitter. The remote end of the link must wait for this time after receiving data before
transmitting a reply. This time may be reduced to <1 ms by good IR shielding between the transmit LED
to the PIN diode.
TRANSMITTER DRIVER CHARACTERISTICS (T
A = 25 °C; V+ = 3.0 V, Digital Input Levels:
Logic 0 = 0 V, Logic 1 = V+, unless otherwise specified)
Notes: 8. Typical LED junction capacitance is 20 pF.
RECOMMENDED OPERATING CONDITIONS (All voltages with respect to 0 V)
Parameter
Symbol
Min
Typ
Max
Unit
Input capacitance
(Note 5)
-
10
-
pF
Input noise current
-
-
11
pA/rtHz
Maximum signal input current from detector
-
-
2
mA
Maximum DC input current (typically sunlight)
-
-
100
µA
Input current detection thresholds
(Note 6)
(Programmable with a 5 bit value)
RS4-0 = 00010
RS4-0 = 00011
RS4-0 = 00101
RS4-0 = 00111
RS4-0 = 11111
-
-
-
-
-
98
114
156
197
724
-
-
-
-
-
nA
nA
nA
nA
nA
Bandpass filter response
High Pass -3dB
Low Pass -3dB
-
-
200
900
-
-
kHz
kHz
Receiver power-up time
With high (100 µA) dc ambient
With normal (2 µA) dc ambient
-
-
5
0.3
10
1
ms
ms
Turn-around time, with receiver on continuously
(Note 7)
-
5
10
ms
Parameter
Symbol
Min
Typ
Max
Unit
Output Capacitance
(Note 8)
-
70
-
pF
Output rise time (10% to 90%)
tr
-
20
50
ns
Output fall time (90% to 10%)
tf
-
20
50
ns
Overshoot over final current
-
-
25
%
On resistance
-
0.8
1.5
Ω
Off Leakage current
-
-
20
µA
Parameter
Symbol
Min
Typ
Max
Unit
Operating Ambient Temperature
TA
025
70
°C
Data and State Retention Temperature (In Power Down)
-40
-
85
°C
CS8130
DS134F1-B
3
CS8130
DS134F1-B1
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com