Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8422 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS8422
Description  24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS8422_10 Datasheet HTML 35Page - Cirrus Logic CS8422_10 Datasheet HTML 36Page - Cirrus Logic CS8422_10 Datasheet HTML 37Page - Cirrus Logic CS8422_10 Datasheet HTML 38Page - Cirrus Logic CS8422_10 Datasheet HTML 39Page - Cirrus Logic CS8422_10 Datasheet HTML 40Page - Cirrus Logic CS8422_10 Datasheet HTML 41Page - Cirrus Logic CS8422_10 Datasheet HTML 42Page - Cirrus Logic CS8422_10 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
DS692F1
39
CS8422
7.4.1
Hardware Mode Control
In Hardware Mode, the default master clock source for the SRC is the internal ring oscillator. Therefore,
it is not necessary to apply an external MCLK source for the SRC. Optionally the user may select the PLL
clock as the SRC MCLK source by connecting a 20 k
 pull-up resistor between MCLK_OUT and VL.
7.4.2
Software Mode Control
In Software Mode, the SRC master clock source is selected by the SRC_MCLK[1:0] bits in the “SRC Out-
put Serial Port Clock Control (08h)” register. If the XTI clock is selected as the SRC MCLK and XTI is tied
to VL or DGND and XTO is left unconnected, then the internal ring oscillator will take the place of the XTI-
XTO clock source.
If the selected SRC MCLK source is XTI-XTO, and is greater that 33 MHz, the user can enable the internal
clock divide-by-two by setting the SRC_DIV bit in control port register 08h. See “SRC Output Serial Port
Clock Control (08h)” on page 51 for more details.
8. HARDWARE MODE CONTROL
The CS8422 provides a stand-alone hardware control mode in which the part does not require an I²C or SPI control
port. In Hardware Mode, the user is provided with a subset of the features available in Software Mode as shown in
Figure 21. The part will be in Hardware Mode if there is a 20 k
 pull-up resistor connected between the C pin and
VL upon the release of RST.
Controlling the CS8422 in Hardware Mode is done through dedicated control inputs, 20 k
 pull-up or pull-down re-
sistors attached to dual-purpose pins, and by attaching a specific resistor values from one of two dedicated control
pins (SAOF and MS_SEL) to either VL or ground. In the case of SAOF and MS_SEL, the resistor should be con-
nected as close to the pin as possible and should have a tolerance no greater than ±1%. Dedicated controls
(TX_SEL and RX_SEL) can be changed during operation whereas pull-up resistor controls are sensed on startup.
Figure 21 shows clock routing options available in Hardware Mode. Control signal names are in italics and are de-
scribed in the table below.
RXP/RXN0
RXP/RXN1
Receiver
Clock
Recovery
(PLL)
Sample
Rate
Converter
Serial
Audio
Output
2
OLRCK1
OSCLK1
SDOUT1
TDM_IN1
OLRCK2
OSCLK2
SDOUT2
Serial
Audio
Output
1
2
2
RX_SEL
TX_SEL
TX
Ring Oscillator
(RMCK Pull-Up)
2:1
MUX
(MCLK_OUT Pull-up)
Clock
Generator
XTI XTO
MCLK_OUT
2:1
MUX
2:1
MUX
MS_SEL
SAOF
MS_SEL
SAOF
RMCK
2:1
MUX
Figure 21. Hardware Mode Clock Routing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com