Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC869 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BC869
Description  PNP medium power transistor; 20 V, 1 A
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC869 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BC869 Datasheet HTML 2Page - NXP Semiconductors BC869 Datasheet HTML 3Page - NXP Semiconductors BC869 Datasheet HTML 4Page - NXP Semiconductors BC869 Datasheet HTML 5Page - NXP Semiconductors BC869 Datasheet HTML 6Page - NXP Semiconductors BC869 Datasheet HTML 7Page - NXP Semiconductors BC869 Datasheet HTML 8Page - NXP Semiconductors BC869 Datasheet HTML 9Page - NXP Semiconductors BC869 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2004 Nov 08
6
NXP Semiconductors
Product data sheet
PNP medium power transistor;
20 V, 1 A
BC869
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = −25 V; IE = 0 A
−
−
−100
nA
VCB = −25 V; IE = 0 A
−
−
−10
μA
IEBO
emitter-base cut-off current
VEB = −5 V; IC = 0 A
−
−
−100
nA
hFE
DC current gain
BC869
VCE = −10 V; IC = −5 mA
50
−
−
VCE = −1 V; IC = −500 mA
85
−
375
VCE = −1 V; IC = −1 A
60
−
−
BC869
−16
VCE = −1 V; IC = −500 mA
100
−
250
BC869
−25
VCE = −1 V; IC = −500 mA
160
−
375
VCEsat
collector-emitter saturation voltage
IC = −1 A; IB = −100 mA
−
−
−500
mV
VBE
base-emitter voltage
VCE = −10 V; IC = −5 mA
−
−
−700
mV
VCE = −1 V; IC = −1 A
−
−
−1
V
Cc
collector capacitance
IE = ie = 0 A; VCB = −10 V;
f = 1 MHz
−
28
−
pF
fT
transition frequency
VCE = −5 V; IC = −50 mA;
f = 100 MHz
40
140
−
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com