Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB8421 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CDB8421
Description  32-bit, 192-kHz Asynchronous Sample Rate Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB8421 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CDB8421 Datasheet HTML 15Page - Cirrus Logic CDB8421 Datasheet HTML 16Page - Cirrus Logic CDB8421 Datasheet HTML 17Page - Cirrus Logic CDB8421 Datasheet HTML 18Page - Cirrus Logic CDB8421 Datasheet HTML 19Page - Cirrus Logic CDB8421 Datasheet HTML 20Page - Cirrus Logic CDB8421 Datasheet HTML 21Page - Cirrus Logic CDB8421 Datasheet HTML 22Page - Cirrus Logic CDB8421 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
DS641F4
19
CS8421
MS_SEL pin
Input M/S
Output M/S
1.0 kΩ ± 1% to GND
Slave
Slave
1.96 kΩ ± 1% to GND
Slave
Master (
128 x Fso)
4.02 kΩ ± 1% to GND
Slave
Master (
256 x Fso)
8.06 kΩ ± 1% to GND
Slave
Master (
384 x Fso)
16.2 kΩ ± 1% to GND
Slave
Master (
512 x Fso)
1.0 kΩ ±1% to VL
Master (
128 x Fsi)
Slave
1.96 kΩ ± 1% to VL
Master (
256 x Fsi)
Slave
4.02 kΩ ± 1% to VL
Master (
384 x Fsi)
Slave
8.06 kΩ ± 1% to VL
Master (
512 x Fsi)
Slave
Table 1. Serial Audio Port Master/Slave and Clock Ratio Select Start-Up Options (MS_SEL)
SAIF pin
Input Port Configuration
1.0 kΩ ± 1% to GND
I²S up to 32-bit data
1.96 kΩ ± 1% to GND
Left-Justified up to 32-bit data
4.02 kΩ ± 1% to GND
Right-Justified 16-bit data
1.0 kΩ ± 1% to VL
Right-Justified 20-bit data
1.96 kΩ ± 1% to VL
Right-Justified 24-bit data
4.02 kΩ ± 1% to VL
Right-Justified 32-bit data
Table 2. Serial Audio Input Port Start-Up Options (SAIF)
SAOF pin
Output Port Configuration
1.0 kΩ ± 1% to GND
I²S 16-bit data
1.96 kΩ ± 1% to GND
I²S 20-bit data
4.02 kΩ ± 1% to GND
I²S 24-bit data
8.06 kΩ ± 1% to GND
I²S 32-bit data
16.2 kΩ ± 1% to GND
Left-Justified 16-bit data
32.4 kΩ ± 1% to GND
Left-Justified 20-bit data
63.4 kΩ ± 1% to GND
Left-Justified 24-bit data
127.0 kΩ ± 1% to GND
Left-Justified 32-bit data
1.0 kΩ ± 1% to VL
Right-Justified 16-bit data
1.96 kΩ ± 1% to VL
Right-Justified 20-bit data
4.02 kΩ ± 1% to VL
Right-Justified 24-bit data
8.06 kΩ ± 1% to VL
Right-Justified 32-bit data
16.2 kΩ ± 1% to VL
TDM Mode 16-bit data
32.4 kΩ ± 1% to VL
TDM Mode 20-bit data
63.4 kΩ ± 1% to VL
TDM Mode 24-bit data
127.0 kΩ ± 1% to VL
TDM Mode 32-bit data
Table 3. Serial Audio Output Port Start-Up Options (SAOF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com