Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC8520 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CC8520
Description  2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING CC8520 - PurePath??Wireless
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC8520 Datasheet(HTML) 1 Page - Texas Instruments

  CC8520 Datasheet HTML 1Page - Texas Instruments CC8520 Datasheet HTML 2Page - Texas Instruments CC8520 Datasheet HTML 3Page - Texas Instruments CC8520 Datasheet HTML 4Page - Texas Instruments CC8520 Datasheet HTML 5Page - Texas Instruments CC8520 Datasheet HTML 6Page - Texas Instruments CC8520 Datasheet HTML 7Page - Texas Instruments CC8520 Datasheet HTML 8Page - Texas Instruments CC8520 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
CC8520
www.ti.com
SWRS091A – MARCH 2010
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PurePath™ is a trademark for Texas Instruments
All other trademarks are the property of their respective owners.
Copyright
© 2010, Texas Instruments Incorporated
2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING
CC8520 - PurePath™ Wireless
APPLICATIONS
- Wireless high-quality digital audio
- Wireless point-to-point audio link
- Wireless headphones
- Wireless loudspeakers
FEATURES
Built-in audio protocol
- CD-quality uncompressed audio
- Excellent robustness and co-existence
through multiple techniques
- Adaptive Frequency Hopping
- Forward Error Correction
- Buffering and Retransmission
- Error Concealment
- Optional
high
quality
audio
compression
External system
- Seamless connection and control of
selected TI audio codecs, DACs/ADCs and
digital audio amplifiers using I2S and I2C
- HID functions like power control, binding,
volume control, audio channel selection
can be mapped to I/Os
- RoHS compliant 6mm x 6mm QFN-40
package
RF section
- 5 Mbps over-the-air data rate
- Bandwidth-efficient modulation format
- Excellent link budget with programmable
output power up to +3.5 dBm and -83 dBm
sensitivity
- Seamless support for CC2590 range
extender (+11dBm output power, -86dBm
sensitivity)
- Suited for systems targeting compliance
with
worldwide
radio
frequency
regulations:
ETSI
EN
300 328
and
EN
300 440 class 2 (Europe), FCC CFR47 Part
15 (US) and ARIB STD-T66 (Japan)
Digital audio support
- Digital I2S audio interface supports 1 or 2
audio channels at sample rates of 32,
40.275, 44.1 and 48 kHz, and supports 16 bit
word-widths
- Audio latency down to 20 ms
- Data side-channel allows data to be sent
alongside the audio between external host
controllers
Development tools
- PC-based PurePath™ Wireless
Configurator (PPW Configurator) for
CC8520 configuration
- CC8520 User’s Guide
- CC85XXDK audio development kit
- No software development needed


Similar Part No. - CC8520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC8520 TI-CC8520 Datasheet
593Kb / 19P
2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING CC8520 - PurePath??Wireless
CC8520 TI-CC8520 Datasheet
654Kb / 18P
2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING
CC8520 TI2-CC8520 Datasheet
1Mb / 19P
2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING CC8520, CC8521, CC8530 & CC8531 - PurePath™ Wireless
JUNE 2012
CC8520 TI2-CC8520 Datasheet
1Mb / 19P
2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING CC8520, CC8521, CC8530 & CC8531 - PurePath™ Wireless
JUNE 2012
CC8520RHAR TI-CC8520RHAR Datasheet
593Kb / 19P
2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING CC8520 - PurePath??Wireless
More results

Similar Description - CC8520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC8520 TI-CC8520_1 Datasheet
593Kb / 19P
2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING CC8520 - PurePath??Wireless
CC8520 TI-CC8520_11 Datasheet
654Kb / 18P
2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING
logo
Linear Technology
LTP5900-WHM LINER-LTP5900-WHM Datasheet
423Kb / 21P
2.4 GHz 802.15.4 Wireless Mote
logo
Pulse A Technitrol Comp...
W1030 PULSE-W1030 Datasheet
1Mb / 2P
Wireless External Antenna for 2.4 GHz Applications
W1038 PULSE-W1038 Datasheet
774Kb / 2P
Wireless External Antenna for 2.4 GHz Applications
W1027 PULSE-W1027 Datasheet
213Kb / 2P
Wireless External Antenna for 2.4 GHz Applications
W1010 PULSE-W1010 Datasheet
663Kb / 2P
Wireless External Antenna for 2.4 GHz Application
W1038M PULSE-W1038M Datasheet
660Kb / 8P
Wireless External Antenna for 2.4 GHz Applications
W1038 PULSE-W1038_17 Datasheet
660Kb / 8P
Wireless External Antenna for 2.4 GHz Applications
W1038X PULSE-W1038X Datasheet
936Kb / 10P
Wireless External Antenna for 2.4 GHz Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com