Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP52 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BCP52
Description  60 V, 1 A PNP medium power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP52 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BCP52 Datasheet HTML 3Page - NXP Semiconductors BCP52 Datasheet HTML 4Page - NXP Semiconductors BCP52 Datasheet HTML 5Page - NXP Semiconductors BCP52 Datasheet HTML 6Page - NXP Semiconductors BCP52 Datasheet HTML 7Page - NXP Semiconductors BCP52 Datasheet HTML 8Page - NXP Semiconductors BCP52 Datasheet HTML 9Page - NXP Semiconductors BCP52 Datasheet HTML 10Page - NXP Semiconductors BCP52 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
BCP52_BCX52_8
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 08 — 25 February 2008
7 of 12
NXP Semiconductors
BCP52; BCX52
60 V, 1 A PNP medium power transistors
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ = 0.02.
FR4 PCB, mounting pad for collector 6 cm2
Fig 7.
Transient thermal impedance from junction to ambient as a function of pulse duration for SOT89;
typical values
006aaa818
10
1
102
103
Zth(j-a)
(K/W)
10−1
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
duty cycle =
0.01
0
0.02
0.05
0.1
0.2
0.33
0.5
0.75
1.0
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB = −30 V; IE =0A;
-
-
−100
nA
VCB = −30 V; IE =0A;
Tj = 150 °C
--
−10
µA
IEBO
emitter-base cut-off
current
VEB = −5 V; IC =0A
-
-
−100
nA
hFE
DC current gain
VCE = −2V
IC = −5mA
63
-
-
IC = −150 mA
63
-
250
IC = −500 mA
[1] 40
-
-
DC current gain
VCE = −2V
hFE selection -10
IC = −150 mA
63
-
160
hFE selection -16
IC = −150 mA
100
-
250
VCEsat
collector-emitter
saturation voltage
IC = −500 mA;
IB = −50 mA
[1] --
−0.5
V
VBE
base-emitter voltage
VCE = −2 V; IC = −500 mA [1] --
−1V
Cc
collector capacitance
VCB = −10 V; IE =ie =0A;
f=1MHz
-15
-
pF
fT
transition frequency
VCE = −5 V; IC = −50 mA;
f = 100 MHz
-
145
-
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com