Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG25A/X Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BFG25A/X
Description  NPN 5 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BFG25A/X Datasheet(HTML) 5 Page - NXP Semiconductors

  BFG25A/X Datasheet HTML 1Page - NXP Semiconductors BFG25A/X Datasheet HTML 2Page - NXP Semiconductors BFG25A/X Datasheet HTML 3Page - NXP Semiconductors BFG25A/X Datasheet HTML 4Page - NXP Semiconductors BFG25A/X Datasheet HTML 5Page - NXP Semiconductors BFG25A/X Datasheet HTML 6Page - NXP Semiconductors BFG25A/X Datasheet HTML 7Page - NXP Semiconductors BFG25A/X Datasheet HTML 8Page - NXP Semiconductors BFG25A/X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NXP Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFG25A/X
Fig.6
Gain as a function of collector current;
typical values.
VCE = 1 V; f = 500 MHz.
GUM = maximum unilateral power gain;
MSG = maximum stable gain.
handbook, halfpage
30
20
10
0
MCD141
gain
(dB)
I
(mA)
C
0
1.0
2.5
0.5
1.5
2.0
MSG
GUM
Fig.7
Gain as a function of collector current;
typical values.
VCE = 1 V; f = 1 GHz.
GUM = maximum unilateral power gain;
MSG = maximum stable gain.
handbook, halfpage
0
1.0
2.5
20
15
5
0
10
MCD142
0.5
1.5
2.0
gain
(dB)
I
(mA)
C
MSG
GUM
Fig.8
Gain as a function of frequency;
typical values.
IC = 0.5 mA; VCE =1V.
GUM = maximum unilateral power gain;
MSG = maximum stable gain.
handbook, halfpage
50
MCD143
10
10
2
10
3
10
4
0
10
20
30
40
gain
(dB)
f (MHz)
GUM
MSG
Fig.9
Gain as a function of frequency;
typical values.
IC = 1 mA; VCE =1V.
GUM = maximum unilateral power gain;
MSG = maximum stable gain.
handbook, halfpage
50
MCD144
10
10
2
10
3
10
4
0
10
20
30
40
gain
(dB)
f (MHz)
GUM
MSG
Rev. 04 - 27 November 2007
5 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com