Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7230CDWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7230CDWR
Description  HIGH SPEED, TRIPLE DIGITAL ISOLATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7230CDWR Datasheet(HTML) 1 Page - Texas Instruments

  ISO7230CDWR Datasheet HTML 1Page - Texas Instruments ISO7230CDWR Datasheet HTML 2Page - Texas Instruments ISO7230CDWR Datasheet HTML 3Page - Texas Instruments ISO7230CDWR Datasheet HTML 4Page - Texas Instruments ISO7230CDWR Datasheet HTML 5Page - Texas Instruments ISO7230CDWR Datasheet HTML 6Page - Texas Instruments ISO7230CDWR Datasheet HTML 7Page - Texas Instruments ISO7230CDWR Datasheet HTML 8Page - Texas Instruments ISO7230CDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
2
3
4
5
6
7
8
ISO7230
DWPACKAGE
9
10
11
12
13
14
15
16
NC
NC
INA
GND1
VCC1
NC
GND1
GND2
GND2
INB
INC
OUTA
OUTC
OUTB
EN
VCC2
1
2
3
4
5
6
7
8
ISO7231
DWPACKAGE
9
10
11
12
13
14
15
16
NC
INA
GND1
VCC1
NC
GND1
GND2
GND2
INB
INC
OUTA
OUTC
OUTB
EN2
VCC2
EN1
ISO7230C, ISO7230M
ISO7231C, ISO7231M
www.ti.com
SLLS867H – SEPTEMBER 2007 – REVISED DECEMBER 2009
HIGH SPEED, TRIPLE DIGITAL ISOLATORS
Check for Samples: ISO7230C, ISO7230M, ISO7231C, ISO7231M
1
FEATURES
25 and 150-Mbps Signaling Rate Options
High Electromagnetic Immunity
(See Application Note SLLA181)
Low Channel-to-Channel Output Skew;
–40°C to 125°C Operating Range
1 ns max
Low Pulse-Width Distortion (PWD);
APPLICATIONS
2 ns max
Industrial Fieldbus
Low Jitter Content; 1 ns Typ at 150 Mbps
Computer Peripheral Interface
Typical 25-Year Life at Rated Working Voltage
Servo Control Interface
(See Application Note SLLA197 and Figure 14)
Data Acquisition
4000-Vpeak Isolation, 560-Vpeak VIORM
UL 1577, IEC 60747-5-2 (VDE 0884, Rev 2),
IE 61010-1, IEC 60950-1 and CSA Approved
4 kV ESD Protection
Operate With 3.3-V or 5-V Supplies
DESCRIPTION
The ISO7230 and ISO7231 are triple-channel digital isolators each with multiple channel configurations and
output enable functions. These devices have logic input and output buffers separated by TI’s silicon dioxide
(SiO2) isolation barrier. Used in conjunction with isolated power supplies, these devices block high voltage,
isolate grounds, and prevent noise currents on a data bus or other circuits from entering the local ground and
interfering with or damaging sensitive circuitry.
The ISO7230 triple-channel device has all three channels in the same direction while the ISO7231 has two
channels in one direction and one channel in opposition. These devices have an active-high output enable that
when driven to a low level, places the output in a high-impedance state.
The ISO7230C and ISO7231C have TTL input thresholds and a noise-filter at the input that prevents transient
pulses of up to 2 ns in duration from being passed to the output of the device, while the ISO7230M and
ISO7231M have CMOS VCC/2 input thresholds and do not have the input noise-filter or the additional propagation
delay.
In each device, a periodic update pulse is sent across the isolation barrier to ensure the proper dc level of the
output. If this dc-refresh pulse is not received, the input is assumed to be unpowered or not being actively driven,
and the failsafe circuit drives the output to a logic high state. (Contact TI for a logic low failsafe option).
These devices require two supply voltages of 3.3-V, 5-V, or any combination. All inputs are 5-V tolerant when
supplied from a 3.3-V supply and all outputs are 4-mA CMOS. These devices are characterized for operation
over the ambient temperature range of –40°C to 125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ISO7230CDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7230CDWR TI-ISO7230CDWR Datasheet
744Kb / 23P
HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7230CDWRG4 TI-ISO7230CDWRG4 Datasheet
744Kb / 23P
HIGH SPEED, TRIPLE DIGITAL ISOLATORS
More results

Similar Description - ISO7230CDWR

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL9000 HP-HCPL9000 Datasheet
449Kb / 12P
High Speed Digital Isolators
logo
Texas Instruments
ISO7230C TI-ISO7230C Datasheet
744Kb / 23P
HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7231C-Q1 TI1-ISO7231C-Q1 Datasheet
804Kb / 23P
HIGH SPEED, TRIPLE DIGITAL ISOLATORS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-090J-000E AVAGO-HCPL-090J-000E Datasheet
357Kb / 14P
High Speed Digital Isolators
HCPL-0931-500E AVAGO-HCPL-0931-500E Datasheet
357Kb / 14P
High Speed Digital Isolators
HCPL-0930-000E AVAGO-HCPL-0930-000E Datasheet
319Kb / 14P
High Speed Digital Isolators
logo
Texas Instruments
ISO7230C-Q1 TI-ISO7230C-Q1_15 Datasheet
968Kb / 24P
HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7730 TI1-ISO7730_16 Datasheet
1Mb / 37P
High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7730-Q1 TI1-ISO7730-Q1 Datasheet
1Mb / 38P
High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7730 TI1-ISO7730_17 Datasheet
1Mb / 39P
High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com