Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7240CFDWRG4 Datasheet(PDF) 20 Page - Texas Instruments

Part # ISO7240CFDWRG4
Description  HIGH SPEED QUAD DIGITAL ISOLATORS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7240CFDWRG4 Datasheet(HTML) 20 Page - Texas Instruments

Back Button ISO7240CFDWRG4 Datasheet HTML 16Page - Texas Instruments ISO7240CFDWRG4 Datasheet HTML 17Page - Texas Instruments ISO7240CFDWRG4 Datasheet HTML 18Page - Texas Instruments ISO7240CFDWRG4 Datasheet HTML 19Page - Texas Instruments ISO7240CFDWRG4 Datasheet HTML 20Page - Texas Instruments ISO7240CFDWRG4 Datasheet HTML 21Page - Texas Instruments ISO7240CFDWRG4 Datasheet HTML 22Page - Texas Instruments ISO7240CFDWRG4 Datasheet HTML 23Page - Texas Instruments ISO7240CFDWRG4 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
ISO7240CF, ISO7240C, ISO7240M
ISO7241C, ISO7241M
ISO7242C, ISO7242M
SLLS868L – SEPTEMBER 2007 – REVISED JANUARY 2010
www.ti.com
Changes from Revision C (April 2008) to Revision D
Page
•
Changed Feature Bullet 4000-Vpeak Isolation ........................................................................................................................ 1
•
Added tsk(pp) Part-to-part skew .............................................................................................................................................. 5
•
Added tsk(pp) Part-to-part skew .............................................................................................................................................. 7
•
Added tsk(pp) Part-to-part skew .............................................................................................................................................. 9
•
Added tsk(pp) Part-to-part skew ............................................................................................................................................ 11
•
Changed Typical ISO724x Application Circuit Figure 15 .................................................................................................... 18
Changes from Revision D (April 2008) to Revision E
Page
•
Added table note: or the 5-V operation, VCC1 or VCC2 is specified from 4.5 V to 5.5 V. ....................................................... 3
•
Added table note: or the 5-V operation, VCC1 or VCC2 is specified from 4.5 V to 5.5 V ........................................................ 4
•
Added table note: or the 5-V operation, VCC1 or VCC2 is specified from 4.5 V to 5.5 V ........................................................ 6
•
Added table note: or the 5-V operation, VCC1 or VCC2 is specified from 4.5 V to 5.5 V ........................................................ 8
•
Added table note: or the 5-V operation, VCC1 or VCC2 is specified from 4.5 V to 5.5 V ...................................................... 10
Changes from Revision E (May 2008) to Revision F
Page
•
Changed Title From: QUAD DIGITAL ISOLATORS To: HIGH SPEED QUAD DIGITAL ISOLATORS ............................... 1
•
Deleted ISO724xA devices. See SLLS905 for the ISO7240A, ISO7241A, and ISO7242A. ................................................ 1
•
Changed Feature Low Jitter Content - From: 1, 25, and 150-Mbps Signaling Rate Options To: 25, and 150-Mbps
Signaling Rate Options ......................................................................................................................................................... 1
•
Added tsk(pp) footnote. ............................................................................................................................................................ 5
•
Added tsk(o) footnote. ............................................................................................................................................................. 5
•
Added tsk(pp) footnote. .......................................................................................................................................................... 11
•
Added tsk(o) footnote. ........................................................................................................................................................... 11
Changes from Revision F (May 2008) to Revision G
Page
•
Changed the PACKAGE CHARACTERISTICS table, line , L(IO1) MIN value from7.7mm to 8.34mm ................................ 14
Changes from Revision G (July 2008) to Revision H
Page
•
Added Device number ISO7240CF. ..................................................................................................................................... 1
•
Added Features Bullet: Selectable Failsafe Output (ISO7240CF) ....................................................................................... 1
•
Changed description paragraph 4 text. ................................................................................................................................. 1
•
Added for device number ISO7240CF. ................................................................................................................................. 2
•
Changed VI in the Abs Max Table From: Voltage at IN, OUT, EN To: Voltage at IN, OUT, EN, DISABLE, CTRL ............. 3
•
Added twake, Wake time from input disable ........................................................................................................................... 5
•
Added twake, Wake time from input disable ........................................................................................................................... 7
•
Added twake, Wake time from input disable ........................................................................................................................... 9
•
Added twake, Wake time from input disable ......................................................................................................................... 11
Changes from Revision H (October 2008) to Revision I
Page
•
Added information to the Features bullet to include CSA and IEC 60950-1 certification ..................................................... 1
20
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): ISO7240CF ISO7240C ISO7240M ISO7241C ISO7241M ISO7242C ISO7242M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com