Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC14AD Datasheet(PDF) 23 Page - Analog Devices

Part # 74LVC14AD
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

74LVC14AD Datasheet(HTML) 23 Page - Analog Devices

Back Button 74LVC14AD Datasheet HTML 19Page - Analog Devices 74LVC14AD Datasheet HTML 20Page - Analog Devices 74LVC14AD Datasheet HTML 21Page - Analog Devices 74LVC14AD Datasheet HTML 22Page - Analog Devices 74LVC14AD Datasheet HTML 23Page - Analog Devices 74LVC14AD Datasheet HTML 24Page - Analog Devices 74LVC14AD Datasheet HTML 25Page - Analog Devices 74LVC14AD Datasheet HTML 26Page - Analog Devices 74LVC14AD Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 75 page
background image
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
1-3
Using ADSP-BF506F EZ-KIT Lite
Default Configuration
The ADSP-BF506F EZ-KIT Lite board is designed to run outside your
personal computer as a stand-alone unit. You do not have to open your
computer case.
When removing the EZ-KIT Lite board from the package, handle the
board carefully to avoid the discharge of static electricity, which can dam-
age some components. Figure 1-1 shows the default jumper settings,
switches, connector locations, and LEDs used in installation. Confirm
that your board is in the default configuration before using the board.
EZ-KIT Lite Installation
For correct operation, install the software and hardware in the order pre-
sented in the VisualDSP++ Installation Quick Reference Card. Substitute
instructions in step 3 with instructions in this section.
There are two options to connect the EZ-KIT Lite hardware to a personal
computer (PC) running VisualDSP++ 5.0: via an Analog Devices emula-
tor or va a standalone debug module. The standalone debug agent allows a
debug agent to interface to the ADSP-BF506F EZ-KIT Lite. The standal-
one debug agent is shipped with the kit.
The EZ-KIT Lite evaluation system contains ESD (electrostatic discharge)
sensitive devices. Electrostatic charges readily accumulate on the human body
and equipment and can discharge without detection. Permanent damage may
occur on devices subjected to high-energy discharges. Proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.
Store unused EZ-KIT Lite boards in the protective shipping package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com