Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA340MDREP Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA340MDREP
Description  SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA340MDREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA340MDREP Datasheet HTML 3Page - Texas Instruments OPA340MDREP Datasheet HTML 4Page - Texas Instruments OPA340MDREP Datasheet HTML 5Page - Texas Instruments OPA340MDREP Datasheet HTML 6Page - Texas Instruments OPA340MDREP Datasheet HTML 7Page - Texas Instruments OPA340MDREP Datasheet HTML 8Page - Texas Instruments OPA340MDREP Datasheet HTML 9Page - Texas Instruments OPA340MDREP Datasheet HTML 10Page - Texas Instruments OPA340MDREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
-75
-50
-25
0
25
50
75
100
125
1k
100
10
1
0.1
Temperature( C)
°
Common-ModeVoltage(V)
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
-1
0
1
2
3
4
5
6
OutputCurrent(mA)
5
4
3
2
1
0
0
±10
+125 C
°
+25 C
°
-55 C
°
+125 C
°
+25 C
°
-55 C
°
±20 ±30 ±40 ±50 ±60 ±70 ±80 ±90 ±100
10M
1M
Frequency(Hz)
100k
6
5
4
3
2
1
0
V =5.5V
S
V =2.7V
S
Maximumoutput
voltagewithout
slewrate-induced
distortion.
OffsetVoltageDrift( V/ C)
m
°
25
20
15
10
5
0
Typicalproduction
distributionof
packagedunits.
0
1
2
3
4
5
6
7
8
9
10 11 12 13 15
OffsetVoltage( V)
m
18
16
14
12
10
8
6
4
2
0
Typicalproduction
distributionof
packagedunits.
OPA340-EP
OPA2340-EP
OPA4340-EP
www.ti.com ................................................................................................................................................................................................ SBOS433 – AUGUST 2008
TYPICAL CHARACTERISTICS (continued)
At TA = 25°C, VS = 5 V, and RL = 10 kΩ connected to VS/2 (unless otherwise noted)
INPUT BIAS CURRENT
INPUT BIAS CURRENT vs TEMPERATURE
vs INPUT COMMON-MODE VOLTAGE
Figure 13.
Figure 14.
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
Figure 15.
Figure 16.
OFFSET VOLTAGE
OFFSET VOLTAGE DRIFT MAGNITUDE
PRODUCTION DISTRIBUTION
PRODUCTION DISTRIBUTION
Figure 17.
Figure 18.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA340-EP OPA2340-EP OPA4340-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com