Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-P12VT Datasheet(PDF) 1 Page - Rohm

Part # SML-P12VT
Description  0402<1.0 0.6 t=0.2mm> Standard Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-P12VT Datasheet(HTML) 1 Page - Rohm

  SML-P12VT Datasheet HTML 1Page - Rohm SML-P12VT Datasheet HTML 2Page - Rohm SML-P12VT Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Directivity (Typ.)
SML-P12PT
SML-P12MT
SML-P12YT
SML-P12DT
SML-P12UT
SML-P12VT
52
52
50
50
54
54
20
100
5
-40 to +85
-40 to +100
:Duty
1/10, 1kHz.
Absolute Maximum Ratings (Ta=25
°C)
Electrical Optical Characteristics (Ta=25
°C)
Dimensions (Unit:mm)
Tolerance:± 0.1
(Unit:mm)
The recommended thickness of the screen mask
for soldering is between 80 and 130µm. The
hole size of the screen mask should be same as
the recommended land pattern or smaller.
Recommended Pad Layout
SML-P12 Series
Pure Green
Yellow
Orange
Red
Red
Emitting Color
Material
Package Size(mm)
Part No.
Peak
forward
current
IFP
(mA)
Part No.
Power
dissipation
PD
(mW)
Forward
current
IF
(mA)
Reverse
voltage
VR
(V)
Operating
temperature
Topr
( C)
Storage
temperature
Tstg
( C)
Emitting
color
0402<1.0 0.6 t=0.2mm>
Standard Type
Green
(Yellowish Green)
Packaging Specifications (Unit:mm)
Tape Specifications:T86 <10,000pcs/reel>
Feeding direction
Reel Specifications
11.4±1
Tolerance:± 0.2
Tolerance:± 0.2
SML-P12DT
Orange
SML-P12UT
SML-P12VT
Red
Yellow
SML-P12YT
Green(Yellowish Green)
SML-P12MT
Pure Green
SML-P12PT
AlGaInP on GaAs
20
100
4
620
630
605
40
25
25
4.0
100
85
60
13
590
572
10
40
35
130
560
20
20
2.0
2.0
2.1
2.1
2.2
2.2
Transparent
Colorless
SML-P12PT
SML-P12MT
SML-P12YT
SML-P12DT
SML-P12UT
SML-P12VT
Part No.
Forward
voltage
VF
Light wavelength
Reverse
current
IR
Brightness
IV
IF
(mA)
Typ.
(V)
Typ.
(mcd)
Typ.
(nm)
λD
Min.
(
mcd)
IF
(mA)
IF
(mA)
Max.
(µA)
Resin Color
VR
(V)
Dominant
RELATIVE LUMINOUS INTENSITY (%)
Angular Displacement (deg)
Angular Displacement (deg)
RELATIVE LUMINOUS INTENSITY (%)
Y
X
Y’
X’
0
50
100
50
100
0
°
30
°
60
°
90
°
30
°
60
°
90
°
0
50
100
50
100
0
°
30
°
60
°
90
°
30
°
60
°
90
°
0.6
2±0.05
φ1.5
0.68
0.28±0.1
+0.1
0
4±0.1
PICOLEDTM
Label Position
1006(0402) 1.0
×0.6(t=0.2)
Cathode
Anode


Similar Part No. - SML-P12VT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-P12VT ROHM-SML-P12VT Datasheet
1Mb / 4P
Ultra compact
SML-P12VT ROHM-SML-P12VT Datasheet
1Mb / 4P
SML-P1 Series PICOLEDTM-eco/PICOLEDTM
SML-P12VT ROHM-SML-P12VT Datasheet
1Mb / 4P
Ultra compact, thin size 1.0x0.6mm
SML-P12VT ROHM-SML-P12VT Datasheet
919Kb / 11P
Ultra compact, thin size 1.0x0.6mm
SML-P12VT ROHM-SML-P12VT Datasheet
447Kb / 12P
Ultra compact, thin size
More results

Similar Description - SML-P12VT

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLP12BC7T ROHM-SMLP12BC7T Datasheet
115Kb / 3P
0402<1.0 0.6 t=0.2mm> Low Current Type (IF 10mA)
SMLP12WB ROHM-SMLP12WB Datasheet
121Kb / 3P
0402<1.0 0.6 t=0.2mm> Standard Type
SMLP34RGB1W ROHM-SMLP34RGB1W Datasheet
105Kb / 2P
Tri-Color Top View 0404 <1.0 1.0 t=0.2mm> High Brightness Type
SMLP36 ROHM-SMLP36 Datasheet
120Kb / 2P
Tri-Color Top View 0604 <1.5 1.0 t=0.2mm> High Brightness Type
logo
Everlight Electronics C...
16-219A-T2D-AR2T1QY-3T EVERLIGHT-16-219A-T2D-AR2T1QY-3T Datasheet
221Kb / 11P
0402 Package Chip LED (0.2mm Height)
logo
Rohm
SML-P11YTT86 ROHM-SML-P11YTT86 Datasheet
122Kb / 3P
0402<1.0 0.6 t=0.2mm> Low Current Type
logo
SunLED Corporation
XZDG68W5MAV-3 SUNLED-XZDG68W5MAV-3 Datasheet
264Kb / 4P
1.0 x 0.5 x 0.2mm (0402) SMD Chip LED Lamp
Jul 27,2021
XZFBA68W5MAV-3 SUNLED-XZFBA68W5MAV-3 Datasheet
269Kb / 4P
1.0 x 0.5 x 0.2mm (0402) SMD Chip LED Lamp
Jul 27,2021
XZVGR68W-3 SUNLED-XZVGR68W-3_V01 Datasheet
270Kb / 4P
1.0 x 0.5 x 0.2mm (0402) SMD Chip LED Lamp
Dec 01,2020
XZBBR68W5MAV-3 SUNLED-XZBBR68W5MAV-3_V01 Datasheet
264Kb / 4P
1.0 x 0.5 x 0.2mm (0402) SMD Chip LED Lamp
Dec 01, 2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com