Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR130LSFT1G Datasheet(PDF) 71 Page - Analog Devices

Part # MBR130LSFT1G
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MBR130LSFT1G Datasheet(HTML) 71 Page - Analog Devices

Back Button MBR130LSFT1G Datasheet HTML 67Page - Analog Devices MBR130LSFT1G Datasheet HTML 68Page - Analog Devices MBR130LSFT1G Datasheet HTML 69Page - Analog Devices MBR130LSFT1G Datasheet HTML 70Page - Analog Devices MBR130LSFT1G Datasheet HTML 71Page - Analog Devices MBR130LSFT1G Datasheet HTML 72Page - Analog Devices MBR130LSFT1G Datasheet HTML 73Page - Analog Devices MBR130LSFT1G Datasheet HTML 74Page - Analog Devices MBR130LSFT1G Datasheet HTML 75Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 71 / 75 page
background image
C101
0
0805
VR2
MSOP8
ADP1613
6
3
5
8
7
4
2
1
COMP
FB
GND
FREQ
SS
SW
EN
VIN
27.4K
0603
R115
R114
0402
100K
C104
0603
1000PF
SOD-123FL
MBR130LSFT1G
D5
0
0603
R111
DNP
0
0603
R110
22000PF
0402
C94
0603
1UF
C96
C105
1UF
0603
DNP
20.0K
0402
R109
3300PF
0603
C95
0805
2.2UF
C103
C98
10UF
1210
1210
10UF
C97
1210
10UF
C100
C102
10UF
1210
1UH
IND019
L1
DNP
L5
22UH
IND024
4
3
2
1
R112
0603
4.99K
10
0603
R113
L4
22UH
IND024
4
3
2
1
D4
MBR130LSFT1G
SOD-123FL
DUAL POWER REGULATOR
9
10
17-12-2009_16:20
D
4
3
2
1
A
B
C
20 Cotton Road
Nashua, NH 03063
A
B
C
D
4
3
2
1
PH: 1-800-ANALOGD
C
Title
Size
Board No.
Date
Sheet
of
DEVICES
ANALOG
Rev
A0226-2009
ADSP-BF506F EZ-KIT LITE
1.0
C99
10UF
1210
L2
IND019
1UH
PS_5V
+AVCC
-AVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com