Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1T45DBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1T45DBVR
Description  SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1T45DBVR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1T45DBVR Datasheet HTML 1Page - Texas Instruments SN74LVC1T45DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC1T45DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC1T45DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC1T45DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC1T45DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC1T45DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC1T45DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC1T45DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
FEATURES
3
2
4
6
1
VCCA
VCCB
B
GND
A
DBV PACKAGE
(TOP VIEW)
DCK PACKAGE
(TOP VIEW)
3
2
4
6
1
VCCA
VCCB
B
GND
A
3
2
4
6
1
VCCA
VCCB
B
GND
A
DRL PACKAGE
(TOP VIEW)
See mechanical drawings for dimensions.
DIR
DIR
DIR
5
5
5
YZP PACKAGE
(BOTTOM VIEW)
VCCA
A
VCCB
B
GND
1
4
2
3
6
5
DIR
C1
B1
A1
C2
B2
A2
DESCRIPTION/ORDERING INFORMATION
SN74LVC1T45
www.ti.com ..................................................................................................................................................... SCES515I – DECEMBER 2003 – REVISED MAY 2009
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
2
• Available in the Texas Instruments NanoFree™
• Max Data Rates
Package
–
420 Mbps (3.3-V to 5-V Translation)
• Fully Configurable Dual-Rail Design Allows
–
210 Mbps (Translate to 3.3 V)
Each Port to Operate Over the Full 1.65-V to
–
140 Mbps (Translate to 2.5 V)
5.5-V Power-Supply Range
–
75 Mbps (Translate to 1.8 V)
• V
CC Isolation Feature – If Either VCC Input Is at
• Latch-Up Performance Exceeds 100 mA Per
GND, Both Ports Are in the High-Impedance
JESD 78, Class II
State
• ESD Protection Exceeds JESD 22
• DIR Input Circuit Referenced to V
CCA
–
2000-V Human-Body Model (A114-A)
• Low Power Consumption, 4-µA Max I
CC
–
200-V Machine Model (A115-A)
• ±24-mA Output Drive at 3.3 V
–
1000-V Charged-Device Model (C101)
• I
off Supports Partial-Power-Down Mode
Operation
This single-bit noninverting bus transceiver uses two separate configurable power-supply rails. The A port is
designed to track VCCA. VCCA accepts any supply voltage from 1.65 V to 5.5 V. The B port is designed to track
VCCB. VCCB accepts any supply voltage from 1.65 V to 5.5 V. This allows for universal low-voltage bidirectional
translation between any of the 1.8-V, 2.5-V, 3.3-V, and 5-V voltage nodes.
The SN74LVC1T45 is designed for asynchronous communication between two data buses. The logic levels of
the direction-control (DIR) input activate either the B-port outputs or the A-port outputs. The device transmits data
from the A bus to the B bus when the B-port outputs are activated and from the B bus to the A bus when the
A-port outputs are activated. The input circuitry on both A and B ports always is active and must have a logic
HIGH or LOW level applied to prevent excess ICC and ICCZ.
The SN74LVC1T45 is designed so that the DIR input is powered by VCCA.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
The VCC isolation feature ensures that if either VCC input is at GND, then both ports are in the high-impedance
state.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC1T45DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1T45DBVR TI-SN74LVC1T45DBVR Datasheet
379Kb / 22P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45DBVR TI-SN74LVC1T45DBVR Datasheet
466Kb / 22P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45DBVR TI-SN74LVC1T45DBVR Datasheet
601Kb / 24P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45DBVR TI-SN74LVC1T45DBVR Datasheet
832Kb / 25P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45DBVR TI1-SN74LVC1T45DBVR Datasheet
993Kb / 28P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
More results

Similar Description - SN74LVC1T45DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1T45 TI-SN74LVC1T45 Datasheet
379Kb / 22P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC1T45 TI-SN74AVC1T45 Datasheet
473Kb / 22P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_07 Datasheet
466Kb / 22P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC1T45 TI-SN74AVC1T45_08 Datasheet
612Kb / 24P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_08 Datasheet
601Kb / 24P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45-EP TI-SN74LVC1T45-EP Datasheet
421Kb / 20P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC1T45 TI-SN74AVC1T45_10 Datasheet
863Kb / 26P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_10 Datasheet
832Kb / 25P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45-Q1 TI1-SN74LVC1T45-Q1 Datasheet
542Kb / 20P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com