Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB3410IVF Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410IVF
Description  500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410IVF Datasheet(HTML) 1 Page - Texas Instruments

  TUSB3410IVF Datasheet HTML 1Page - Texas Instruments TUSB3410IVF Datasheet HTML 2Page - Texas Instruments TUSB3410IVF Datasheet HTML 3Page - Texas Instruments TUSB3410IVF Datasheet HTML 4Page - Texas Instruments TUSB3410IVF Datasheet HTML 5Page - Texas Instruments TUSB3410IVF Datasheet HTML 6Page - Texas Instruments TUSB3410IVF Datasheet HTML 7Page - Texas Instruments TUSB3410IVF Datasheet HTML 8Page - Texas Instruments TUSB3410IVF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
DRBPACKAGE
3mmx3mmSON
(TOPVIEW)
8
7
6
5
OUT
N/C
NR/FB
GND
IN
N/C
N/C
EN
1
2
3
4
GND
DRVPACKAGE
2mmx2mmSON
IN
N/C
EN
6
5
4
OUT
NR/FB
GND
1
2
3
GND
(TOPVIEW)
TPS735xx
www.ti.com
SBVS087H – JUNE 2008 – REVISED NOVEMBER 2009
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR
Low Dropout Linear Regulator
1
FEATURES
DESCRIPTION
2
•
500mA Low Dropout Regulator with EN
The
TPS735xx
family
of
low-dropout
(LDO),
low-power
linear
regulators
offers
excellent
ac
•
Low IQ: 46μA
performance with very low ground current. High
•
Multiple Output Voltage Versions Available:
power-supply rejection ratio (PSRR), low noise, fast
–
Fixed Outputs of 1.0V to 4.3V Using
start-up,
and
excellent
line
and
load
transient
Innovative Factory EEPROM Programming
response are provided while consuming a very low
46
μA (typical) ground current. The TPS735xx is
–
Adjustable Outputs from 1.25V to 6.0V
stable with ceramic capacitors and uses an advanced
•
High PSRR: 60dB at 1kHz
BiCMOS fabrication process to yield a typical dropout
•
Ultra-low Noise: 28
μVRMS
voltage of 250mV at 500mA output. The TPS735xx
uses a precision voltage reference and feedback loop
•
Fast Start-Up Time: 45
μs
to achieve overall accuracy of 2% (VOUT > 2.2V) over
•
Stable with a Low-ESR, 2.0
μF Typical Output
all load, line, process, and temperature variations. It
Capacitance
is fully specified from TJ = –40°C to +125°C and is
•
Excellent Load/Line Transient Response
offered in low-profile, 2mm x 2mm SON and 3mm ×
3mm SON packages that are ideal for wireless
•
2% Overall Accuracy (Load/Line/Temp,
handsets, printers, and WLAN cards.
VOUT > 2.2V)
•
Very Low Dropout: 280mV at 500mA
•
2mm × 2mm SON-6 and 3mm × 3mm SON-8
Packages
APPLICATIONS
•
WiFi, WiMax
•
Printers
•
Cellular Phones, SmartPhones
•
Handheld Organizers, PDAs
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TUSB3410IVF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB3410IVFQ1 TI1-TUSB3410IVFQ1 Datasheet
1,009Kb / 94P
USB To Serial Port Controller
More results

Similar Description - TUSB3410IVF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735 TI-TPS735 Datasheet
586Kb / 16P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73501 TI-TPS73501 Datasheet
807Kb / 18P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS735XX TI-TPS735XX Datasheet
1Mb / 21P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_101 TI-TPS735XX_101 Datasheet
951Kb / 23P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX TI1-TPS735XX_11 Datasheet
814Kb / 27P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
MAY2011
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com