Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO722 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ISO722
Description  3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO722 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO722 Datasheet HTML 8Page - Texas Instruments ISO722 Datasheet HTML 9Page - Texas Instruments ISO722 Datasheet HTML 10Page - Texas Instruments ISO722 Datasheet HTML 11Page - Texas Instruments ISO722 Datasheet HTML 12Page - Texas Instruments ISO722 Datasheet HTML 13Page - Texas Instruments ISO722 Datasheet HTML 14Page - Texas Instruments ISO722 Datasheet HTML 15Page - Texas Instruments ISO722 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
13 W
8 W
VCC2
EN
1MW
Enable
VCC2
500 W
VCC2
Output
OUT
IN
750kW
Input
VCC1
VCC1
500 W
VCC1
ISO721, ISO721M
ISO722, ISO722M
SLLS629I – JANUARY 2006 – REVISED FEBRUARY 2010
www.ti.com
DEVICE INFORMATION
PACKAGE CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
D-8
4.8
L(10
Minimum air gap (clearance) (1)
Shortest terminal-to-terminal distance through air
mm
1)
DUB-8
6.1
D-8
4.3
L(10
Minimum external tracking
Shortest terminal-to-terminal distance across the
mm
2)
(creepage)
package surface
DUB-8
6.8
Tracking resistance (comparative
≥
CTI
DIN IEC 60112/VDE 0303 Part 1
V
tracking index)
175
Minimum internal gap (internal
0.00
Distance through insulation
mm
clearance)
8
Input to output, VIO = 500 V, all pins on each side of the barrier
>101
Ω
tied together creating a two-terminal device, TA < 100°C
2
RIO
Isolation resistance
Input to output, VIO = 500 V,
>101
Ω
100°C
≤ TA< TA max.
1
Barrier capacitance
CIO
VI = 0.4 sin (4E6pt)
1
pF
Input-to-output
CI
Input capacitance to ground
VI = 0.4 sin (4E6pt)
1
pF
(1)
Creepage and clearance requirements are applied according to the specific equipment isolation standards of an application. Care should
be taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of the isolator on the
printed circuit board do not reduce this distance.
Creepage and clearance on a printed circuit board become equal according to the measurement techniques shown in the Isolation
Glossary. Techniques such as inserting grooves and/or ribs on a printed circuit board are used to help increase these specifications.
IEC 60664-1 RATINGS TABLE
PARAMETER
TEST CONDITIONS
SPECIFICATION
Basic isolation group
Material group
IIIa
Rated mains voltage
≤150 VRMS
I-IV
Installation classification
Rated mains voltage
≤300 VRMS
I-III
DEVICE I/O SCHEMATIC
Equivalent Input and Output Schematic Diagrams
12
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Link(s): ISO721 ISO721M ISO722 ISO722M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com