Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7220B Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7220B
Description  DUAL DIGITAL ISOLATORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7220B Datasheet(HTML) 2 Page - Texas Instruments

  ISO7220B Datasheet HTML 1Page - Texas Instruments ISO7220B Datasheet HTML 2Page - Texas Instruments ISO7220B Datasheet HTML 3Page - Texas Instruments ISO7220B Datasheet HTML 4Page - Texas Instruments ISO7220B Datasheet HTML 5Page - Texas Instruments ISO7220B Datasheet HTML 6Page - Texas Instruments ISO7220B Datasheet HTML 7Page - Texas Instruments ISO7220B Datasheet HTML 8Page - Texas Instruments ISO7220B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Input
+
Filter
GalvanicIsolation
Barrier
Vref
Vref
DataMUX
OUT
IN
OSC
+
PWM
ACDetect
OutputBuffer
DCChannel
ACChannel
Filter
PulseWidth
Demodulation
CarrierDetect
ISO7220A, ISO7220B, ISO7220C, ISO7220M
ISO7221A, ISO7221B, ISO7221C, ISO7221M
SLLS755K – JULY 2006 – REVISED JANUARY 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
SINGLE-CHANNEL FUNCTION DIAGRAM
AVAILABLE OPTIONS
MAX
INPUT
CHANNEL
MARKED
ORDERING
PRODUCT
SIGNALING
PACKAGE
THRESHOLD
DIRECTION
AS
NUMBER
RATE
ISO7220AD (rail)
Ⅹ 1.5 V (TTL)
ISO7220A
1 Mbps
SOIC-8
I7220A
(CMOS compatible)
ISO7220ADR (reel)
ISO7220BD (rail)
Ⅹ 1.5 V (TTL)
ISO7220B
5 Mbps
SOIC-8
I7220B
(CMOS compatible
ISO7220BDR (reel)
Same direction
ISO7220CD (rail)
Ⅹ 1.5 V (TTL)
ISO7220C
25 Mbps
SOIC-8
I7220C
(CMOS compatible)
ISO7220CDR (reel)
ISO7220MD (rail)
ISO7220M
150 Mbps
SOIC-8
VCC/2 (CMOS)
I7220M
ISO7220MDR (reel)
ISO7221AD (rail)
Ⅹ 1.5 V (TTL)
ISO7221A
1 Mbps
SOIC-8
I7221A
(CMOS compatible)
ISO7221ADR (reel)
ISO7221BD (rail)
Ⅹ 1.5 V (TTL)
ISO7221B
5 Mbps
SOIC-8
I7221B
(CMOS compatible)
ISO7221ABR (reel)
Opposite directions
ISO7221CD (rail)
Ⅹ 1.5 V (TTL)
ISO7221C
25 Mbps
SOIC-8
I7221C
(CMOS compatible)
ISO7221CDR (reel)
ISO7221MD (rail)
ISO7221M
150 Mbps
SOIC-8
VCC/2 (CMOS)
I7221M
ISO7221MDR (reel)
REGULATORY INFORMATION
VDE
CSA
UL
Approved under CSA Component
Recognized under 1577 Component
Certified according to IEC 60747-5-2
Acceptance Notice
Recognition Program(1)
File Number: 40016131
File Number: 1698195
File Number: E181974
(1)
Production tested
≥3000 VRMS for 1 second in accordance with UL 1577.
2
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Link(s): ISO7220A ISO7220B ISO7220C ISO7220M ISO7221A ISO7221B ISO7221C ISO7221M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com