Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7221B Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7221B
Description  DUAL DIGITAL ISOLATORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7221B Datasheet(HTML) 17 Page - Texas Instruments

Back Button ISO7221B Datasheet HTML 13Page - Texas Instruments ISO7221B Datasheet HTML 14Page - Texas Instruments ISO7221B Datasheet HTML 15Page - Texas Instruments ISO7221B Datasheet HTML 16Page - Texas Instruments ISO7221B Datasheet HTML 17Page - Texas Instruments ISO7221B Datasheet HTML 18Page - Texas Instruments ISO7221B Datasheet HTML 19Page - Texas Instruments ISO7221B Datasheet HTML 20Page - Texas Instruments ISO7221B Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Temperature-°C
2.78
2.8
2.82
2.84
2.86
2.88
2.9
2.92
-40
-25
-10
5
20
35
50
65
80
95
110 125
15pFLoad
V
=3.3Vor5V
CC
V
FS-
V
FS
V
=5V
CC
15pFLoad
T =25°C
A
V
-V
OUT
V
=3.3V
CC
0
2
4
6
-80
-70
-60
-50
-40
-30
-20
-10
0
V
=5V
CC
15pFLoad
T =25°C
A
V
-V
OUT
V
=3.3V
CC
0
10
20
30
40
50
60
70
0
1
2
3
4
5
0
50
100
150
200
0
200
400
600
800
1000
1200
1400
1600
1800
2000
V
=V
=5V
CC1
CC2
15pFLoad
T =25°C
A
SignalingRate-Mbps
V
=V
=3.3V
CC1
CC2
ISO7220A, ISO7220B, ISO7220C, ISO7220M
ISO7221A, ISO7221B, ISO7221C, ISO7221M
www.ti.com
SLLS755K – JULY 2006 – REVISED JANUARY 2010
TYPICAL CHARACTERISTIC CURVES (continued)
VCC FAILSAFE THRESHOLD
HIGH-LEVEL OUTPUT CURRENT
vs
vs
FREE-AIR TEMPERATURE
HIGH-LEVEL OUTPUT VOLTAGE
Figure 14.
Figure 15.
LOW-LEVEL OUTPUT CURRENT
ISO722xM JITTER
vs
vs
LOW-LEVEL OUTPUT VOLTAGE
SIGNALING RATE
Figure 16.
Figure 17.
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): ISO7220A ISO7220B ISO7220C ISO7220M ISO7221A ISO7221B ISO7221C ISO7221M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com