Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF145 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLF145
Description  HF power MOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF145 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLF145 Datasheet HTML 1Page - NXP Semiconductors BLF145 Datasheet HTML 2Page - NXP Semiconductors BLF145 Datasheet HTML 3Page - NXP Semiconductors BLF145 Datasheet HTML 4Page - NXP Semiconductors BLF145 Datasheet HTML 5Page - NXP Semiconductors BLF145 Datasheet HTML 6Page - NXP Semiconductors BLF145 Datasheet HTML 7Page - NXP Semiconductors BLF145 Datasheet HTML 8Page - NXP Semiconductors BLF145 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
NXP Semiconductors
Product specification
HF power MOS transistor
BLF145
FEATURES
• High power gain
• Low noise figure
• Good thermal stability
• Withstands full load mismatch.
DESCRIPTION
Silicon N-channel enhancement
mode vertical D-MOS transistor
designed for SSB transmitter
applications in the HF frequency
range. The transistor is encapsulated
in a 4-lead, SOT123A flange
package, with a ceramic cap. All
leads are isolated from the flange.
Matched gate-source voltage (VGS)
groups are available on request.
PINNING - SOT123A
PIN
DESCRIPTION
1
drain
2
source
3
gate
4
source
QUICK REFERENCE DATA
RF performance at Th = 25 °C in a common source test circuit.
Note
1. 2-tone efficiency.
MODE OF OPERATION
f (MHz)
VDS (V)
ID (A)
PL (W)
Gp (dB)
η
D (%)
(1)
d3 (dB)
SSB, class-A
28
28
1.3
8 (PEP)
>24
−<−40
SSB, class-AB
28
28
−
30 (PEP)
typ. 20
typ. 40
typ.
−35
PIN CONFIGURATION
CAUTION
This product is supplied in anti-static packing to prevent damage caused by
electrostatic discharge during transport and handling. For further information,
refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A, and SNW-FQ-302B.
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided
that the BeO disc is not damaged. All persons who handle, use or dispose of
this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to
the regulations applying at the location of the user. It must never be thrown
out with the general or domestic waste.
Fig.1 Simplified outline and symbol.
handbook, halfpage
1
23
4
MSB057
s
d
g
MBB072
Rev. 04 - 5 January 2007
2 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com