Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXB0101DBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TXB0101DBVT
Description  1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXB0101DBVT Datasheet(HTML) 2 Page - Texas Instruments

  TXB0101DBVT Datasheet HTML 1Page - Texas Instruments TXB0101DBVT Datasheet HTML 2Page - Texas Instruments TXB0101DBVT Datasheet HTML 3Page - Texas Instruments TXB0101DBVT Datasheet HTML 4Page - Texas Instruments TXB0101DBVT Datasheet HTML 5Page - Texas Instruments TXB0101DBVT Datasheet HTML 6Page - Texas Instruments TXB0101DBVT Datasheet HTML 7Page - Texas Instruments TXB0101DBVT Datasheet HTML 8Page - Texas Instruments TXB0101DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Data
GND
GND
GND
Data
A
B
VCCA
VCCB
OE
1.8-V
System
Controller
3.3-V
System
1.8 V
3.3 V
TXB0101
TXB0101
SCES639A – JANUARY 2007 – REVISED NOVEMBER 2008........................................................................................................................................... www.ti.com
ORDERING INFORMATION(1)
ORDERABLE
TOP-SIDE
TA
PACKAGE(2)
PART NUMBER
MARKING(3)(4)
NanoFree™ – WCSP (DSBGA)
Reel of 3000
TXB0101YZPR(5)
27_
0.23-mm Large Bump – YZP (Pb-free)
SOP – DRL
Reel of 4000
TXB0101DRLR(5)
27R
Reel of 3000
TXB0101DBVR
NFC_
–40°C to 85°C
SOT (SOT-23) – DBV
Reel of 250
TXB0101DBVT
NFC_
Reel of 3000
TXB0101DCKR(5)
27_
SOT (SC-70) – DCK
Reel of 250
TXB0101DCKT(5)
27_
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the wafer fab/assembly site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free).
(4)
DBV/DCK: The actual top-side marking has one additional character that designates the wafer fab/assembly site.
(5)
Package preview
PIN DESCRIPTION
NO.
NAME
FUNCTION
1
VCCA
A-port supply voltage. 1.2 V
≤ VCCA ≤ 3.6 V and VCCA ≤ VCCB
2
GND
Ground
3
A
Input/output A. Referenced to VCCA.
4
B
Input/output B. Referenced to VCCB.
3-state output enable. Pull OE low to place all outputs in 3-state mode.
5
OE
Referenced to VCCA.
6
VCCB
B-port supply voltage. 1.65 V
≤ VCCB ≤ 5.5 V
TYPICAL OPERATING CIRCUIT
2
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TXB0101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com