Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH04070WAZ Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PTH04070WAZ
Description  3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04070WAZ Datasheet(HTML) 7 Page - Texas Instruments

Back Button PTH04070WAZ Datasheet HTML 3Page - Texas Instruments PTH04070WAZ Datasheet HTML 4Page - Texas Instruments PTH04070WAZ Datasheet HTML 5Page - Texas Instruments PTH04070WAZ Datasheet HTML 6Page - Texas Instruments PTH04070WAZ Datasheet HTML 7Page - Texas Instruments PTH04070WAZ Datasheet HTML 8Page - Texas Instruments PTH04070WAZ Datasheet HTML 9Page - Texas Instruments PTH04070WAZ Datasheet HTML 10Page - Texas Instruments PTH04070WAZ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.ti.com
APPLICATION INFORMATION
Adjusting the Output Voltage of the PTH04070W Wide-Output Adjust Power Modules
Rset + 10 kW
0.891 V
Vout * 0.9 V
* 3.24 kW
Inhibit
GND
GND
RSET
0.05 W
1%
C1
Ceramic
C2
Ceramic
PTH04070W
2
4
3
1
5
VO Adj
GND
VO
VIN
47-
µF
47-
µF
VI
VO
Inhibit
PTH04070W
SLTS227B – SEPTEMBER 2004 – REVISED OCTOBER 2007
The VOAdjust control (pin 4) sets the output voltage of the PTH04070W product. The adjustment range is from
0.9 V to 3.6 V. The adjustment method requires the addition of a single external resistor, RSET, that must be
connected directly between the VOAdjust and GND pin 2. Table 1 gives the standard external resistor for a
number of common bus voltages, along with the actual voltage the resistance produces.
For other output voltages, the value of the required resistor can either be calculated using the following formula,
or simply selected from the range of values given in Table 2. Figure 9 shows the placement of the required
resistor.
Table 1. Standard Values of Rset for Common Output
Voltages
VO (V)
RSET (kΩ)
VO(V)
(Required)
(Standard Value)
(Actual)
3.3(1)
0.475
3.298
2.5(1)
2.32
2.502
2
4.87
1.999
1.8
6.65
1.801
1.5
11.5
1.504
1.2
26.1
1.204
1
84.5
1.001
0.9
Open
0.9
(1)
The minimum input voltage is 3 V or (VO + 1.1) V, whichever is
greater.
(1)
A 0.05-W rated resistor may be used. The tolerance should be 1%, with a temperature stability of 100 ppm/
°C (or
better). Place the resistor as close to the regulator as possible. Connect the resistor directly between pins 4 and 2
using dedicated PCB traces.
(2)
Never connect capacitors from VOAdjust to either GND or VO. Any capacitance added to the VOAdjust pin will affect
the stability of the regulator.
Figure 9. VO Adjust Resistor Placement
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): PTH04070W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com