Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF878 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # BLF878
Description  UHF power LDMOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF878 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button BLF878 Datasheet HTML 9Page - NXP Semiconductors BLF878 Datasheet HTML 10Page - NXP Semiconductors BLF878 Datasheet HTML 11Page - NXP Semiconductors BLF878 Datasheet HTML 12Page - NXP Semiconductors BLF878 Datasheet HTML 13Page - NXP Semiconductors BLF878 Datasheet HTML 14Page - NXP Semiconductors BLF878 Datasheet HTML 15Page - NXP Semiconductors BLF878 Datasheet HTML 16Page - NXP Semiconductors BLF878 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
BLF878_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 15 June 2009
13 of 18
NXP Semiconductors
BLF878
UHF power LDMOS transistor
See Table 9 for a list of components.
Fig 14. Class-AB common-source broadband amplifier; VD1(test), VD2(test), VG1(test) and VG2(test) are drain and gate
test voltages
001aai088
+ VG2(test)
+ VG1(test)
+ VD1(test)
+ VD2(test)
C24
C25
C10
L4
C29
C28
C30
R5
C31
R6
R2
C27
C26
C14
C16
C18
C13
C7
C8
C12
C11
R1
R3
R7
R4
R6
50
Ω
50
Ω
C22
C1 C2
C3
C4
C5 C6 C9
L21
L23
B2
L22
L20
L1
L7
L6
L2
L3
C21 C20
L5
B1
C15
C17
Fig 15. Printed-Circuit Board (PCB) for class-AB common source amplifier
001aai089
95 mm
80 mm
95 mm
L22
L23
L21
L20
L1
L6
L7
L2
L3
L5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com