Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP61 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BSP61
Description  PNP Darlington transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BSP61 Datasheet(HTML) 3 Page - NXP Semiconductors

  BSP61 Datasheet HTML 1Page - NXP Semiconductors BSP61 Datasheet HTML 2Page - NXP Semiconductors BSP61 Datasheet HTML 3Page - NXP Semiconductors BSP61 Datasheet HTML 4Page - NXP Semiconductors BSP61 Datasheet HTML 5Page - NXP Semiconductors BSP61 Datasheet HTML 6Page - NXP Semiconductors BSP61 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2001 May 31
3
NXP Semiconductors
Product data sheet
PNP Darlington transistors
BSP60; BSP61; BSP62
THERMAL CHARACTERISTICS
Note
1.
Device mounted on a printed-circuit board, single sided copper, tinplated, mounting pad for collector 1 cm2.
For other mounting conditions, see “Thermal considerations for the SOT223 in the General Part of associated
Handbook”.
CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
Note
1.
Pulse test: tp ≤ 300 μs; δ ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
98
K/W
Rth j-s
thermal resistance from junction to solder point
17
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICES
collector cut-off current
BSP60
VBE = 0; VCE = −45 V
−
−
−50
nA
BSP61
VBE = 0; VCE = −60 V
−
−
−50
nA
BSP62
VBE = 0; VCE = −80 V
−
−
−50
nA
IEBO
emitter cut-off current
IC = 0; VEB = −4 V
−
−
−50
nA
hFE
DC current gain
VCE = −10 V; note 1; see Fig.2
IC = −150 mA
1000
−
−
IC = −500 mA
2000
−
−
VCEsat
collector-emitter saturation
voltage
IC = −500 mA; IB = −0.5 mA
−
−
−1.3
V
IC = −500 mA; IB = −0.5 mA;
Tj = 150 °C
−
−
−1.3
V
VBEsat
base-emitter saturation voltage
IC = −500 mA; IB = −0.5 mA
−
−
−1.9
V
fT
transition frequency
IC = −500 mA; VCE = −5 V;
f = 100 MHz
−
200
−
MHz
Switching times (between 10% and 90% levels); see Fig.3
ton
turn-on time
ICon = −500 mA; IBon = −0.5 mA;
IBoff = 0.5 mA
−
400
−
ns
toff
turn-off time
−
1500
−
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com