Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M34 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # M34
Description  Wet Tantalum Capacitors Surface Mount, Molded Case
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M34 Datasheet(HTML) 4 Page - Vishay Siliconix

  M34 Datasheet HTML 1Page - Vishay Siliconix M34 Datasheet HTML 2Page - Vishay Siliconix M34 Datasheet HTML 3Page - Vishay Siliconix M34 Datasheet HTML 4Page - Vishay Siliconix M34 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 40106
For technical questions, contact: wettants@vishay.com
www.vishay.com
Revision: 11-Aug-09
4
M34
Wet Tantalum Capacitors Surface Mount, Molded Case
Vishay
ENVIRONMENTAL CHARACTERISTICS
ITEM
CONDITION
COMMENTS
Hermeticity
MIL-PRF-39006
There shall be no evidence of leakage after
testing to MIL-PRF-39006 specifications.
Moisture resistance
MIL-PRF-39006
Tested in accordance to MIL-PRF-39006 for
30 cycles.
Altitude
MIL-STD-202G, Method 105 D
100 000 feet test
MECHANICAL CHARACTERISTICS
ITEM
CONDITION
COMMENTS
Thermal shock
MIL-STD-202G, Method 107 A
Per M39006 and DSCC93026, 30 cycles
Shock
MIL-STD-202G, Method 213 I
Per M39006 and DSCC93026, 100 g
Vibration (high frequency)
MIL-STD-202G, Method 204 D
Per M39006 and DSCC93026, 20 g
Resistance to solder heat
MIL-STD-202G, Method 210 F
Terminals at 260 °C for 10 s. The capacitor
must not be visibly damaged and the
electrical
characteristics
must
not
be
affected.
Solderability
ANSI J-STD-002
The terminations must be solderable per
the Mil Standard.
Terminals
MIL-STD-1276
All terminals shall be permanently secured
internally and externally, as applicable. All
external joints shall be welded.
Part markings
MIL-STD-1285
The part marking shall include Vishay
name, trademark, capacitance, voltage,
date code and lot symbol.
Weight (typical) in g
3.5
PAD DIMENSIONS [mm]
CASE CODE M34
A (MIN.)
B (NOM.)
C (NOM.)
D (NOM.)
C
[22.7]
[14.7]
[4.0]
[6.4]
A
CB
C
STANDARD PACKAGING QUANTITY
SERIES
CASE CODE
M34
C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com