Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # M35
Description  Wet Tantalum Capacitors Surface Mount, Molded Case
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M35 Datasheet(HTML) 3 Page - Vishay Siliconix

  M35 Datasheet HTML 1Page - Vishay Siliconix M35 Datasheet HTML 2Page - Vishay Siliconix M35 Datasheet HTML 3Page - Vishay Siliconix M35 Datasheet HTML 4Page - Vishay Siliconix M35 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
M35
Vishay
Wet Tantalum Capacitors Surface Mount, Molded Case
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40095
3
Revision: 09-Sep-09
Notes
1. Capacitance tolerance: K, M
2. Termination/packaging: (see Ordering Information)
3. Reliability level: Z = Non-ER
4. Temperature: S = STD
5. ESR: S = STD, L = Low (1/2 standard ESR value)
PERFORMANCE CHARACTERISTICS OF M35 CAPACITORS
CAP
(µF)
CASE
CODE
PART NUMBER
MAX. ESR
AT
+ 25 °C
MAX. IMP.
AT
- 55 °C
MAX. DCL (µA)
AT
MAX. CAPACITANCE CHANGE
(%) AT
MAX.
RIPPLE
40 kHz
rms
+ 25 °C
+ 85 °C
- 55 °C
+ 85 °C
+ 125 °C
30 WVDC AT + 85 °C . . . 20 WVDC AT + 125 °C
8
C
M35C805(1)030(2)ZS(5)
6.6
275
1.0
2.0
- 16
+ 8
+ 12
640
15
C
M35C156(1)030(2)ZS(5)
6.2
175
1.0
2.0
- 20
+ 10.5
+ 12
780
47
C
M35C476(1)030(2)ZS(5)
5.2
100
2.0
6.0
- 23
+ 12
+ 15
800
56
C
M35C566(1)030(2)ZS(5)
5.2
100
2.0
9.0
- 38
+ 12
+ 15
800
35 WVDC AT + 85 °C . . . 22 WVDC AT + 125 °C
15
C
M35C156(1)035(2)ZS(5)
6.2
175
0.75
1.5
- 20
+ 10.5
+ 12
660
39
C
M35C396(1)035(2)ZS(5)
4.1
61
2.0
6.0
- 22
+ 12
+ 14
820
50 WVDC AT + 85 °C . . . 30 WVDC AT + 125 °C
5
C
M35C505(1)050(2)ZS(5)
8.0
400
1.0
2.0
- 16
+ 5
+ 6
580
10
C
M35C106(1)050(2)ZS(5)
6.4
250
1.0
2.0
- 24
+ 8
+ 9
715
33
C
M35C336(1)050(2)ZS(5)
5.0
135
2.0
9.0
- 29
+ 10
+ 12
700
60 WVDC AT + 85 °C . . . 40 WVDC AT + 125 °C
4
C
M35C405(1)060(2)ZS(5)
9.3
550
1.0
2.0
- 16
+ 5
+ 6
525
8.2
C
M35C825(1)060(2)ZS(5
6.6
275
1.0
2.0
- 24
+ 8
+ 9
625
27
C
M35C276(1)060(2)ZS(5
5.0
144
3.0
12
- 24
+ 10
+ 12
700
75 WVDC AT + 85 °C . . .50 WVDC AT + 125 °C
3.5
C
M35C355(1)075(2)ZS(5)
9.5
650
1.0
2.0
- 16
+ 5
+ 6
525
6.8
C
M35C685(1)075(2)ZS(5)
6.8
300
1.0
2.0
- 20
+ 8
+ 9
610
22
C
M35C226(1)075(2)ZS(5)
5.1
157
3.0
12
- 19
+ 10
+ 12
600
100 WVDC AT + 85 °C . . . 65 WVDC AT + 125 °C
2.5
C
M35C255(1)100(2)ZS(5)
10.6
950
1.0
2.0
- 16
+ 7
+ 8
505
4.7
C
M35C475(1)100(2)ZS(5
8.5
500
1.0
2.0
- 16
+ 7
+ 8
565
10
C
M35C106(1)100(2)ZS(5
5.9
200
3.0
12
- 17
+ 10
+ 12
800
125 WVDC AT + 85 °C . . . 85 WVDC AT + 125 °C
1.7
C
M35C175(1)125(2)ZS(5)
15.6
1250
1.0
2.0
- 16
+ 7
+ 8
415
3.6
C
M35C365(1)125(2)ZS(5)
10.0
600
1.0
2.0
- 16
+ 7
+ 8
520
6.8
C
M35C685(1)125(2)ZS(5)
11.7
300
3.0
12
- 14
+ 10
+ 12
700
STANDARD RATINGS
ELECTRICAL CHARACTERISTICS
ITEM
PERFORMANCE CHARACTERISTICS
Operating temperature range
- 55 °C to + 125 °C
Capacitor tolerance
± 20 %, ± 10 % at 120 Hz
Capacitance change (maximum)
Limits per the Standard Ratings Table. Measured per requirements of MIL-PRF-39006.
ESR
AC ripple current
DCL (maximum leakage current)
Impedance (maximum)
Reverse voltage
Reverse voltage shall be in accordance with MIL-PRF-39006/22.
Units are capable of withstanding 3 V in reverse at + 85 °C for 125 h.
Surge voltage
Surge voltage shall be in accordance with MIL-PRF-39006.
The DC rated surge voltage is the maximum voltage to which the capacitors should be subjected
under any conditions. This includes transients and peak ripple at the highest line voltage. The
surge voltage is 115 % of rated DC working voltage.
Life test
The capacitors shall be capable of withstanding a 2000 h life test at 85 °C at rated voltage.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com