Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSCDAND001PDSA3 Datasheet(PDF) 12 Page - Honeywell Solid State Electronics Center

Part # SSCDAND001PDSA3
Description  TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SMT and DIP,1 psi to 150 psi
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SSCDAND001PDSA3 Datasheet(HTML) 12 Page - Honeywell Solid State Electronics Center

Back Button SSCDAND001PDSA3 Datasheet HTML 4Page - Honeywell Solid State Electronics Center SSCDAND001PDSA3 Datasheet HTML 5Page - Honeywell Solid State Electronics Center SSCDAND001PDSA3 Datasheet HTML 6Page - Honeywell Solid State Electronics Center SSCDAND001PDSA3 Datasheet HTML 7Page - Honeywell Solid State Electronics Center SSCDAND001PDSA3 Datasheet HTML 8Page - Honeywell Solid State Electronics Center SSCDAND001PDSA3 Datasheet HTML 9Page - Honeywell Solid State Electronics Center SSCDAND001PDSA3 Datasheet HTML 10Page - Honeywell Solid State Electronics Center SSCDAND001PDSA3 Datasheet HTML 11Page - Honeywell Solid State Electronics Center SSCDAND001PDSA3 Datasheet HTML 12Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Sensing and Control
Honeywell
1985 Douglas Drive North
Golden Valley, MN 55422
www.honeywell.com
008173-2-EN IL50 GLO Printed in USA
July 2009
© 2009 Honeywell International Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com