Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRE104C Datasheet(PDF) 4 Page - Cirrus Logic

Part # VRE104C
Description  Precision Voltage Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

VRE104C Datasheet(HTML) 4 Page - Cirrus Logic

  VRE104C Datasheet HTML 1Page - Cirrus Logic VRE104C Datasheet HTML 2Page - Cirrus Logic VRE104C Datasheet HTML 3Page - Cirrus Logic VRE104C Datasheet HTML 4Page - Cirrus Logic VRE104C Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VRE104
4
VRE104DS
P r o d u c t I n n o v a t i o n F r o m
4. APPLICATION INFORMATION
The proper connection of the VRE104 series voltage references is shown below with the optional trim resistors. Pay
careful attention to the circuit layout to avoid noise pickup and voltage drops in the lines.
The VRE104 series voltage references have the ground terminal brought out on two pins (pin 6 and pin 7) which
are connected together internally. This allows the user to achieve greater accuracy when using a socket. Voltage
references have a voltage drop across their power supply ground pin due to quiescent current flowing through the
contact resistance. If the contact resistance was constant with time and temperature, this voltage drop could be
trimmed out. When the reference is plugged into a socket, this source of error can be as high as 20 ppm. By con-
necting pin 7 to the power supply ground and pin 6 to a high impedance ground point in the measurement circuit,
the error due to the contact resistance can be eliminated. If the unit is soldered into place, the contact resistance is
sufficiently small that it does not effect performance.
VRE104 Used With Crystal Semiconductor ADC
Suggested Reading: Crystal Semiconductor Application Note -
“Voltage References for the CS501X/CS25IIX Series of A/D Converters"
EXTERNAL CONNECTIONS
PIN CONFIGURATION
1. Optional Fine Adjust for approximately ±10mV.
TOP VIEW
VRE104
+PS
NC
NC
NC
GND
REF. GND
NC
NC
NC
NC
NC
FINE ADJ.
FINE ADJ.
+4.5V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com