Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS1500 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS1500
Description  Digital Power Factor Correction IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1500 Datasheet(HTML) 4 Page - Cirrus Logic

  CS1500 Datasheet HTML 1Page - Cirrus Logic CS1500 Datasheet HTML 2Page - Cirrus Logic CS1500 Datasheet HTML 3Page - Cirrus Logic CS1500 Datasheet HTML 4Page - Cirrus Logic CS1500 Datasheet HTML 5Page - Cirrus Logic CS1500 Datasheet HTML 6Page - Cirrus Logic CS1500 Datasheet HTML 7Page - Cirrus Logic CS1500 Datasheet HTML 8Page - Cirrus Logic CS1500 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
CS1500
4
DS849A5
May ?$shortyear>
CONFIDENTIAL
NOTES:
1.
Specifications guaranteed by design & characterization and correlation with statistical process controls.
2.
Specification are based upon a PFC system configured for AC input of 90-265 VAC (Sine), 45/65 Hz, Vlink=400 V,
RAC =3x1.0 MΩ, RFB =3x1.0 MΩ, C3 = 180 μF, LB = 360 μH, 90 W. For other Vlink voltages, refer to Section 4
Application Example.
3.
Detailed Calculation See Section 4 Application Example.
4.
Overpower protection is scaled to rated power.
5.
STBY is designed to be driven by an open collector. The input is internally pulled up with a 600 k
Ω resistor.
6.
Normal operation mode, see Section 3.2.
Feedback & Protection2,3
Reference Current
IREF
-129
-
μA
Output Voltage at Startup Mode
25º C, 115 VAC
VO(startup)
-360
-
V
Output Voltage at Normal Mode
VO(nom)
-400
-
V
Overvoltage Protection Threshold
25º C, 115 VAC
VOVP
415
418
421
V
Overvoltage Protection Hysteresis
VOVP(Hy)
-4
-
V
Overpower Protection Threshold 2,4
25º C, 115 VAC
-
125
-
%
Overpower Protection Recovery 2,4
25º C, 115 VAC
-
100
-
%
Input Brownout Protection Threshold
25º C, GDRV turns off
VBP(th)
62
65
68
Vrms
Input Brownout Recovery Threshold
25º C, GDRV turns on
VBR
77
80
83
Vrms
Thermal Protection 1
Thermal Shutdown Threshold
TSD
-143
-
ºC
Thermal Shutdown Hysteresis
TSD(Hy)
-9
-
ºC
STBY Input 5
Logic Threshold Low
-
-
0.8
V
Logic Threshold High
Vdd-0.8
-
-
V
Parameter
Condition
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com