Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4811-E/MC Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP4811-E/MC
Description  8/10/12-Bit Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4811-E/MC Datasheet(HTML) 3 Page - Microchip Technology

  MCP4811-E/MC Datasheet HTML 1Page - Microchip Technology MCP4811-E/MC Datasheet HTML 2Page - Microchip Technology MCP4811-E/MC Datasheet HTML 3Page - Microchip Technology MCP4811-E/MC Datasheet HTML 4Page - Microchip Technology MCP4811-E/MC Datasheet HTML 5Page - Microchip Technology MCP4811-E/MC Datasheet HTML 6Page - Microchip Technology MCP4811-E/MC Datasheet HTML 7Page - Microchip Technology MCP4811-E/MC Datasheet HTML 8Page - Microchip Technology MCP4811-E/MC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
 2010 Microchip Technology Inc.
DS22244B-page 3
MCP4801/4811/4821
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD ............................................................................................................. 6.5V
All inputs and outputs .....................VSS – 0.3V to VDD + 0.3V
Current at Input Pins ....................................................±2 mA
Current at Supply Pins ...............................................±50 mA
Current at Output Pins ...............................................±25 mA
Storage temperature .....................................-65°C to +150°C
Ambient temp. with power applied ................-55°C to +125°C
ESD protection on all pins
 4 kV (HBM), 400V (MM)
Maximum Junction Temperature (TJ). .........................+150°C
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, VDD = 5V, VSS = 0V, VREF = 2.048V,
Output Buffer Gain (G) = 2x, RL = 5 k
 to GND, C
L = 100 pF, TA = -40 to +85°C. Typical values are at +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Power Requirements
Operating Voltage
VDD
2.7
—
5.5
Operating Current
IDD
—
330
400
µA
All digital inputs are grounded,
analog output (VOUT) is
unloaded. Code = 000h
Hardware Shutdown Current
ISHDN
—
0.3
2
µA
POR circuit is turned off
Software Shutdown Current
ISHDN_SW
—
3.3
6
µA
POR circuit remains turned on
Power-on Reset Threshold
VPOR
—2.0
—
V
DC Accuracy
MCP4801
Resolution
n
8
—
—
Bits
INL Error
INL
-1
±0.125
1
LSb
DNL
DNL
-0.5
±0.1
+0.5
LSb
Note 1
MCP4811
Resolution
n
10
—
—
Bits
INL Error
INL
-3.5
±0.5
3.5
LSb
DNL
DNL
-0.5
±0.1
+0.5
LSb
Note 1
MCP4821
Resolution
n
12
—
—
Bits
INL Error
INL
-12
±2
12
LSb
DNL
DNL
-0.75
±0.2
+0.75
LSb
Note 1
Offset Error
VOS
-1
±0.02
1
% of FSR
Code = 0x000h
Offset Error Temperature
Coefficient
VOS/°C
—
0.16
—
ppm/°C
-45°C to +25°C
—
-0.44
—
ppm/°C
+25°C to +85°C
Gain Error
gE
-2
-0.10
2
% of FSR
Code = 0xFFFh,
not including offset error
Gain Error Temperature
Coefficient
G/°C
—
-3
—
ppm/°C
Note 1:
Guaranteed monotonic by design over all codes.
2:
This parameter is ensured by design, and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com