Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4901 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP4901
Description  8/10/12-Bit Voltage Output Digital-to-Analog Converter with SPI Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4901 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP4901 Datasheet HTML 24Page - Microchip Technology MCP4901 Datasheet HTML 25Page - Microchip Technology MCP4901 Datasheet HTML 26Page - Microchip Technology MCP4901 Datasheet HTML 27Page - Microchip Technology MCP4901 Datasheet HTML 28Page - Microchip Technology MCP4901 Datasheet HTML 29Page - Microchip Technology MCP4901 Datasheet HTML 30Page - Microchip Technology MCP4901 Datasheet HTML 31Page - Microchip Technology MCP4901 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
MCP4901/4911/4921
DS22248A-page 28
 2010 Microchip Technology Inc.
6.4
Single-Supply Operation
The MCP4901/4911/4921 devices are rail-to-rail volt-
age output DAC devices designed to operate with a
VDD range of 2.7V to 5.5V. Its output amplifier is robust
enough to drive small signal loads directly. Therefore, it
does not require an external output buffer for most
applications.
6.4.1
DC SET POINT OR CALIBRATION
A
common
application
for
DAC
devices
is
digitally-controlled set points and/or calibration of
variable parameters, such as sensor offset or slope.
For example, the MCP4921 and MCP4922 provide
4096 output steps. If the external voltage reference
(VREF) is 4.096V, the LSb size is 1 mV. If a smaller
output step size is desired, a lower external voltage
reference is needed.
6.4.1.1
Decreasing Output Step Size
If the application is calibrating the bias voltage of a
diode or transistor, a bias voltage range of 0.8V may be
desired with about 200 µV resolution per step. Two
common methods to achieve a 0.8V range is to either
reduce VREF to 0.82V or use a voltage divider on the
DAC’s output.
Using a VREF is an option if the VREF is available with
the
desired
output
voltage
range.
However,
occasionally, when using a low-voltage VREF, the noise
floor causes an SNR error that is intolerable. Using a
voltage divider method is another option and provides
some advantages when VREF needs to be very low or
when the desired output voltage is not available. In this
case, a larger value VREF is used while two resistors
scale the output range down to the precise desired
level.
Example 6-1 illustrates this concept. Note that the
bypass capacitor on the output of the voltage divider
plays a critical function in attenuating the output noise
of the DAC and the induced noise from the
environment.
EXAMPLE 6-1:
EXAMPLE CIRCUIT OF SET POINT OR THRESHOLD CALIBRATION.
VDD
SPI
3-wire
VTRIP
R1
R2
0.1 uF
Comparator
G = Gain selection (1x or 2x)
Dn = Digital value of DAC (0-255) for MCP4901/MCP4902
V
OUT
V
REF
G
D
n
2
N
------

=
VCC+
VCC–
VOUT
V
trip
V
OUT
R
2
R
1
R
2
+
--------------------



=
VDD
RSENSE
DAC
= Digital value of DAC (0-1023) for MCP4911/MCP4912
= Digital value of DAC (0-4095) for MCP4921/MCP4922
N = DAC Bit Resolution
VREF
VO
MCP4901
MCP4911
MCP4921
(a) Single Output DAC:
(b) Dual Output DAC:
MCP4902
MCP4912
MCP4922



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com