Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4901-E/MC Datasheet(PDF) 34 Page - Microchip Technology

Part # MCP4901-E/MC
Description  8/10/12-Bit Voltage Output Digital-to-Analog Converter with SPI Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4901-E/MC Datasheet(HTML) 34 Page - Microchip Technology

Back Button MCP4901-E/MC Datasheet HTML 30Page - Microchip Technology MCP4901-E/MC Datasheet HTML 31Page - Microchip Technology MCP4901-E/MC Datasheet HTML 32Page - Microchip Technology MCP4901-E/MC Datasheet HTML 33Page - Microchip Technology MCP4901-E/MC Datasheet HTML 34Page - Microchip Technology MCP4901-E/MC Datasheet HTML 35Page - Microchip Technology MCP4901-E/MC Datasheet HTML 36Page - Microchip Technology MCP4901-E/MC Datasheet HTML 37Page - Microchip Technology MCP4901-E/MC Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
MCP4901/4911/4921
DS22248A-page 34
 2010 Microchip Technology Inc.
6.9
Using Multiplier Mode
The MCP4901/4911/4921 and MCP4902/MCP4912/
MCP4922 family devices use external reference, and
these devices are ideally suited for use as a multiplier/
divider in a signal chain. Common applications are: (a)
precision programmable gain/attenuator amplifiers and
(b) motor control feedback loops. The wide input range
(0V – VDD) is in Unbuffered mode, and near rail-to-rail
range in Buffered mode. Its bandwidth (> 400 kHz),
selectable 1x/2x gain and low power consumption give
maximum flexibility to meet the application’s needs.
To configure the device for multiplier applications,
connect the input signal to VREF and serially configure
the DAC’s input buffer, gain and output value. The
DAC’s output can utilize any of the examples from 6-1
to 6-6, depending on the application requirements.
Example 6-7 is an illustration of how the DAC can
operate in a motor control feedback loop.
If the gain selection bit is configured for 1x mode
(<GA>= 1), the resulting input signal will be attenuated
by D/2n. With the 12-bit DAC (MCP4921 or MCP4922),
if the gain is configured for 2x mode (<GA>= 0), codes
less than 2048 attenuate the signal, while codes
greater than 2048 gain the signal.
A DAC provides significantly more gain/attenuation
resolution when compared to typical programmable
gain amplifiers. Adding an op amp to buffer the output,
as illustrated in Examples 6-2 through 6-6, extends the
output range and power to meet the precise needs of
the application.
EXAMPLE 6-7:
MULTIPLIER MODE USING VREF INPUT.
VCC+
VCC–
VREF
DAC
VRPM
+
–
VDD
SPI
3
VOUT
Rsense
VRPM_SET
Z
FB
MCP4901
MCP4911
MCP4921
(a) Single Output DAC:
(b) Dual Output DAC:
MCP4902
MCP4912
MCP4922
V
OUT
V
REF
G
D
n
2
N
------

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com