Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4901-E/MS Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP4901-E/MS
Description  8/10/12-Bit Voltage Output Digital-to-Analog Converter with SPI Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4901-E/MS Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP4901-E/MS Datasheet HTML 17Page - Microchip Technology MCP4901-E/MS Datasheet HTML 18Page - Microchip Technology MCP4901-E/MS Datasheet HTML 19Page - Microchip Technology MCP4901-E/MS Datasheet HTML 20Page - Microchip Technology MCP4901-E/MS Datasheet HTML 21Page - Microchip Technology MCP4901-E/MS Datasheet HTML 22Page - Microchip Technology MCP4901-E/MS Datasheet HTML 23Page - Microchip Technology MCP4901-E/MS Datasheet HTML 24Page - Microchip Technology MCP4901-E/MS Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
 2010 Microchip Technology Inc.
DS22248A-page 21
MCP4901/4911/4921
4.2.4
SHUTDOWN MODE
The user can shut down the device by using a software
command. During Shutdown mode, most of the internal
circuits, including the output amplifier, are turned off for
power savings. The serial interface remains active,
thus allowing a write command to bring the device out
of Shutdown mode. There will be no analog output at
the VOUT pin, and the VOUT pin is internally switched to
a known resistive load (500 k
 typical. Figure 4-4
shows the analog output stage during Shutdown mode.
The device will remain in Shutdown mode until it
receives a write command with <SHDN> bit = 1 and the
bit is latched into the device. When the device is
changed from Shutdown to Active mode, the output
settling time takes less than 10 µs, but more than the
standard active mode settling time (4.5 µs).
FIGURE 4-4:
Output Stage for Shutdown
Mode.
500 k
Power-Down
Control Circuit
Resistive
Load
VOUT
OP
Amp
Resistive String DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com