Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4811T-E/P Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP4811T-E/P
Description  8/10/12-Bit Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4811T-E/P Datasheet(HTML) 1 Page - Microchip Technology

  MCP4811T-E/P Datasheet HTML 1Page - Microchip Technology MCP4811T-E/P Datasheet HTML 2Page - Microchip Technology MCP4811T-E/P Datasheet HTML 3Page - Microchip Technology MCP4811T-E/P Datasheet HTML 4Page - Microchip Technology MCP4811T-E/P Datasheet HTML 5Page - Microchip Technology MCP4811T-E/P Datasheet HTML 6Page - Microchip Technology MCP4811T-E/P Datasheet HTML 7Page - Microchip Technology MCP4811T-E/P Datasheet HTML 8Page - Microchip Technology MCP4811T-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
 2010 Microchip Technology Inc.
DS22244B-page 1
MCP4801/4811/4821
Features
• MCP4801: 8-Bit Voltage Output DAC
• MCP4811: 10-Bit Voltage Output DAC
• MCP4821: 12-Bit Voltage Output DAC
• Rail-to-Rail Output
• SPI Interface with 20 MHz Clock Support
• Simultaneous Latching of the DAC Output
with LDAC Pin
• Fast Settling Time of 4.5 µs
• Selectable Unity or 2x Gain Output
• 2.048V Internal Voltage Reference
•50 ppm/°C VREF Temperature Coefficient
• 2.7V to 5.5V Single-Supply Operation
• Extended Temperature Range: -40°C to +125°C
Applications
• Set Point or Offset Trimming
• Sensor Calibration
• Precision Selectable Voltage Reference
• Portable Instrumentation (Battery-Powered)
• Calibration of Optical Communication Devices
Description
The MCP4801/4811/4821 devices are single channel
8-bit,
10-bit
and
12-bit
buffered
voltage
output
Digital-to-Analog Converters (DACs), respectively. The
devices operate from a single 2.7V to 5.5V supply with
an SPI compatible Serial Peripheral Interface.
The devices have a high precision internal voltage
reference (VREF = 2.048V). The user can configure the
full-scale range of the device to be 2.048V or 4.096V by
setting the Gain Selection Option bit (gain of 1 of 2).
The devices can be operated in Active or Shutdown
mode by setting a Configuration register bit or using the
SHDN pin. In Shutdown mode, most of the internal
circuits, including the output amplifier, are turned off for
power savings, while the amplifier output (VOUT) stage is
configured to present a known high resistance output
load (500 k
 typical.
The
devices
include
double-buffered
registers,
allowing a synchronous update of the DAC output
using the LDAC pin. These devices also incorporate a
Power-on Reset (POR) circuit to ensure reliable power-
up.
The devices utilize a resistive string architecture, with
its inherent advantages of low DNL error, low ratio
metric temperature coefficient and fast settling time.
These devices are specified over the extended
temperature range (+125°C).
The devices provide high accuracy and low noise
performance for consumer and industrial applications
where calibration or compensation of signals (such as
temperature, pressure and humidity) are required.
The MCP4801/4811/4821 devices are available in the
PDIP, SOIC, MSOP and DFN packages.
Related Products(1)
P/N
DAC
Resolution
No. of
Channel
Voltage
Reference
(VREF)
MCP4801
8
1
Internal
(2.048V)
MCP4811
10
1
MCP4821
12
1
MCP4802
8
2
MCP4812
10
2
MCP4822
12
2
MCP4901
8
1
External
MCP4911
10
1
MCP4921
12
1
MCP4902
8
2
MCP4912
10
2
MCP4922
12
2
Note 1: The products listed here have similar
AC/DC performances.
8/10/12-Bit Voltage Output Digital-to-Analog Converter
with Internal VREF and SPI Interface


Similar Part No. - MCP4811T-E/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4811 MICROCHIP-MCP4811 Datasheet
1Mb / 50P
SPI Interface with 20 MHz Clock Support
01/27/15
More results

Similar Description - MCP4811T-E/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4821 MICROCHIP-MCP4821 Datasheet
1Mb / 36P
12-Bit DACs with Internal VREF and SPI??Interface
2005
MCP4901 MICROCHIP-MCP4901 Datasheet
3Mb / 50P
8/10/12-Bit Voltage Output Digital-to-Analog Converter with SPI Interface
2010
MCP4802 MICROCHIP-MCP4802 Datasheet
1Mb / 46P
8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
2010
MCP4902 MICROCHIP-MCP4902 Datasheet
3Mb / 48P
8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
2010
MCP4706 MICROCHIP-MCP4706 Datasheet
15Mb / 86P
8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
2011
MCP4822E-SN MICROCHIP-MCP4822E-SN Datasheet
1Mb / 46P
8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
01/05/10
MCP4726A2T-E MICROCHIP-MCP4726A2T-E Datasheet
16Mb / 86P
8-/10-/12-Bit Voltage Output Digital-to-Analog Converter
11/29/11
logo
Texas Instruments
DAC6571EVM TI1-DAC6571EVM Datasheet
732Kb / 25P
INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Microchip Technology
MCP48FEBXX MICROCHIP-MCP48FEBXX Datasheet
1Mb / 92P
8-/10-/12-Bit Single/Dual Voltage Output Nonvolatile Digital-to-Analog Converters with SPI Interface
07/14/15
MCP48FVBXX MICROCHIP-MCP48FVBXX Datasheet
1Mb / 84P
8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com