Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC-TSERIES Datasheet(PDF) 2 Page - EPCOS

Part # AC-TSERIES
Description  Pressure transmitters for PCB mounting (voltage output)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

AC-TSERIES Datasheet(HTML) 2 Page - EPCOS

  AC-TSERIES Datasheet HTML 1Page - EPCOS AC-TSERIES Datasheet HTML 2Page - EPCOS AC-TSERIES Datasheet HTML 3Page - EPCOS AC-TSERIES Datasheet HTML 4Page - EPCOS AC-TSERIES Datasheet HTML 5Page - EPCOS AC-TSERIES Datasheet HTML 6Page - EPCOS AC-TSERIES Datasheet HTML 7Page - EPCOS AC-TSERIES Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Pressure sensors
Pressure transmitters for PCB mounting (voltage output)
AC-T series
AS SEN PD
2009-08-03
Please read
Cautions and warnings and
Page 2 of 8
Important notes at the end of this document.
Description
The transmitters are based on piezoresistive silicon pressure sensors
from our own clean room.
The T-series electronic compensates nonlinearity and temperature
errors and supplies a precise calibrated output signal with a high
immunity against electromagnetic influences (EMI).
Features
Piezoresistive MEMS technology
Measured media (absolute pressure):
Air, non-aggressive gases (gas humidity 0 ... 85% r.h., without dew).
Unsuitable for substances, which react with glass, silicon, aluminum,
ceramics, polybutylene terephthalate, silicone glue or silicone gel.
Measured media (gauge pressure):
Air, non-aggressive gases (gas humidity 0 ... 100% r.h.)
and non-aggressive fluids.
Unsuitable for substances which react with glass, silicon, stainless
steel, silicone glue (pr ≤ 10 bar) or epoxy glue (pr > 10 bar).
Voltage output proportional to pressure: 0.5 ... 4.5 V
RoHS-compatible, halogen-free
Dual-in-line package for PCB mounting
Dimensional drawings
Type LN for absolute pressure
(4.8 mm tube fitting)
Type KD for gauge pressure
(4.8 mm tube fitting)
Type KC for gauge pressure
(M5 thread connection)
All dimensions in mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com