Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTL2012 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # GTL2012
Description  2-bit LVTTL to GTL transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GTL2012 Datasheet(HTML) 4 Page - NXP Semiconductors

  GTL2012 Datasheet HTML 1Page - NXP Semiconductors GTL2012 Datasheet HTML 2Page - NXP Semiconductors GTL2012 Datasheet HTML 3Page - NXP Semiconductors GTL2012 Datasheet HTML 4Page - NXP Semiconductors GTL2012 Datasheet HTML 5Page - NXP Semiconductors GTL2012 Datasheet HTML 6Page - NXP Semiconductors GTL2012 Datasheet HTML 7Page - NXP Semiconductors GTL2012 Datasheet HTML 8Page - NXP Semiconductors GTL2012 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
GTL2012_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 9 August 2007
4 of 14
NXP Semiconductors
GTL2012
2-bit LVTTL to GTL transceiver
8.
Limiting values
[1]
The input and output negative voltage ratings may be exceeded if the input and output clamping current ratings are observed.
[2]
Current into any output in the LOW state.
[3]
Current into any output in the HIGH state.
[4]
The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
9.
Recommended operating conditions
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
IIK
input clamping current
VI <0V
-
−50
mA
VI
input voltage
A port
[1]
−0.5
+7.0
V
B port
[1]
−0.5
+4.6
V
IOK
output clamping current
VO <0V
-
−50
mA
VO
output voltage
output in OFF or HIGH state; A port
[1]
−0.5
+7.0
V
output in OFF or HIGH state; B port
[1]
−0.5
+4.6
V
IOL
LOW-level output current[2]
A port
-
32
mA
B port
-
80
mA
IOH
HIGH-level output current[3]
A port
-
−32
mA
Tstg
storage temperature
[4]
−60
+150
°C
Table 6.
Recommended operating conditions[1]
Unused inputs must be held HIGH or LOW to prevent them from floating.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
3.0
-
3.6
V
VTT
termination voltage[2]
GTL
−
0.85
0.9
0.95
V
GTL
1.14
1.2
1.26
V
GTL+
1.35
1.5
1.65
V
Vref
reference voltage
overall
0.5
2
⁄3VTT
0.5VCC
V
GTL
−
0.5
0.6
0.63
V
GTL
0.76
0.8
0.84
V
GTL+
0.87
1.0
1.10
V
VI
input voltage
B port
0
VTT
3.6
V
except B port
[3] 0
3.3
5.5
V
VIH
HIGH-level input voltage
B port
Vref + 0.050
-
-
V
except B port
2
-
-
V
VIL
LOW-level input voltage
B port
-
-
Vref − 0.050
V
except B port
-
-
0.8
V
IOH
HIGH-level output current
A port
-
-
−16
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com