Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8331IBRGET Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8331IBRGET
Description  Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8331IBRGET Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS8331IBRGET Datasheet HTML 17Page - Texas Instruments ADS8331IBRGET Datasheet HTML 18Page - Texas Instruments ADS8331IBRGET Datasheet HTML 19Page - Texas Instruments ADS8331IBRGET Datasheet HTML 20Page - Texas Instruments ADS8331IBRGET Datasheet HTML 21Page - Texas Instruments ADS8331IBRGET Datasheet HTML 22Page - Texas Instruments ADS8331IBRGET Datasheet HTML 23Page - Texas Instruments ADS8331IBRGET Datasheet HTML 24Page - Texas Instruments ADS8331IBRGET Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
ManualChannelSelectChannel2
EnableAutoChannelSelect
ConversionStartisAutomaticorManual
Manual-orAuto-TriggerMode
Ch2
Ch5
Ch7
Ch3
Ch6
Ch4
N
1
-
1CCLKMinimum
N
CCLK
EOC
(activelow)
Channel#
ADS8331
ADS8332
www.ti.com
SBAS363 – DECEMBER 2009
Auto Channel Select Mode
Channel selection can also be done automatically if Auto Channel Select mode (default) is enabled (CFR_D11 =
'1'). If the device is programmed for Auto Channel Select mode, then signals from all channels are acquired in a
fixed order. In Auto Channel Select mode, the first conversion after entering this mode is always from the
channel of the last conversion completed before this mode is enabled. The channels are then sequentially
scanned up to and including the last channel (that is, channel 3 for the ADS8331 and channel 7 for the
ADS8332) and then back to the channel that started the sequence. For example, if the last channel used in the
conversion before enabling Auto Channel Select mode was channel 2, the sequence for the ADS8332 would be:
2, 3, 4, 5, 6, 7, 2, etc., as shown in Figure 39. If the last channel in Manual Channel Select mode happened to be
channel 7, the sequence would be: 7, 7, 7, etc. Figure 40 shows when the next channel in the sequence
activates during Auto Channel Select mode. This timing allows the next channel to settle before it is acquired.
This automatic sequencing stops the cycle after CFR_D11 is set to '0'.
Figure 39. Auto Channel Select for the ADS8332
Figure 40. Channel-Number Update in Auto Channel Select Mode Timing
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS8331 ADS8332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com