Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMA200 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # KMA200
Description  Programmable angle sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA200 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button KMA200 Datasheet HTML 17Page - NXP Semiconductors KMA200 Datasheet HTML 18Page - NXP Semiconductors KMA200 Datasheet HTML 19Page - NXP Semiconductors KMA200 Datasheet HTML 20Page - NXP Semiconductors KMA200 Datasheet HTML 21Page - NXP Semiconductors KMA200 Datasheet HTML 22Page - NXP Semiconductors KMA200 Datasheet HTML 23Page - NXP Semiconductors KMA200 Datasheet HTML 24Page - NXP Semiconductors KMA200 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
KMA200_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 18 July 2008
21 of 32
NXP Semiconductors
KMA200
Programmable angle sensor
12.5 Hysteresis
The hysteresis error is defined as the maximum difference between angle values given by
the device output when performing a positive (clockwise) rotation and negative rotation
(counter clockwise) over an angle range of 180
°.
The hysteresis error is defined as follows:
∆ϕ
hys = |ϕmeas CW(ϕref) −ϕmeas CCW(ϕref)|
∆ϕ
hys: hysteresis
ϕ
meas: CW measured angle for clockwise rotation
ϕ
meas: CCW measured angle for counter clockwise rotation
13. Programming
The KMA200 comprises two major modes of operation. These modes are:
13.1 Normal operation mode
This is the default mode. The KMA200 starts in this mode without the need of writing to
the serial interface. In this mode a continuous conversion of the input signals into the
corresponding angles takes place. This mode is configured with the on-chip EEPROM.
Once in normal operation mode, the KMA200 can be reactivated for command mode only
by a new power-on reset.
Fig 11. Hysteresis
006aaa306
180
180
ϕmeas
(
°)
ϕref (°)
∆ϕhys



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com