Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTY82 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # KTY82
Description  Silicon temperature sensors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KTY82 Datasheet(HTML) 3 Page - NXP Semiconductors

  KTY82 Datasheet HTML 1Page - NXP Semiconductors KTY82 Datasheet HTML 2Page - NXP Semiconductors KTY82 Datasheet HTML 3Page - NXP Semiconductors KTY82 Datasheet HTML 4Page - NXP Semiconductors KTY82 Datasheet HTML 5Page - NXP Semiconductors KTY82 Datasheet HTML 6Page - NXP Semiconductors KTY82 Datasheet HTML 7Page - NXP Semiconductors KTY82 Datasheet HTML 8Page - NXP Semiconductors KTY82 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
KTY82_SER_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 14 January 2008
3 of 17
NXP Semiconductors
KTY82 series
Silicon temperature sensors
4.
Marking
5.
Limiting values
Table 4.
Marking codes
Type number
Marking code
KTY82/110
110
KTY82/120
120
KTY82/121
121
KTY82/122
122
KTY82/150
150
KTY82/151
151
KTY82/210
210
KTY82/220
220
KTY82/221
221
KTY82/222
222
KTY82/250
250
KTY82/251
251
KTY82/252
252
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Isen(cont)
continuous sensor current
in free air; Tamb =25 °C
-
10
mA
in free air; Tamb = 150 °C-
2
mA
Tamb
ambient temperature
−55 +150 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com