Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM75AD Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LM75AD
Description  Digital temperature sensor and thermal watchdog
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LM75AD Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LM75AD Datasheet HTML 7Page - NXP Semiconductors LM75AD Datasheet HTML 8Page - NXP Semiconductors LM75AD Datasheet HTML 9Page - NXP Semiconductors LM75AD Datasheet HTML 10Page - NXP Semiconductors LM75AD Datasheet HTML 11Page - NXP Semiconductors LM75AD Datasheet HTML 12Page - NXP Semiconductors LM75AD Datasheet HTML 13Page - NXP Semiconductors LM75AD Datasheet HTML 14Page - NXP Semiconductors LM75AD Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LM75A_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 10 July 2007
11 of 24
NXP Semiconductors
LM75A
Digital temperature sensor and thermal watchdog
When the power supply voltage is dropped below the device power-on reset level of
approximately 1.9 V (POR) and then rises up again, the device will be reset to its default
condition as listed above.
7.10 Protocols for writing and reading the registers
The communication between the host and the LM75A must strictly follow the rules as
defined by the I2C-bus management. The protocols for LM75A register read/write
operations are illustrated in Figure 5 to Figure 10 together with the following definitions:
1. Before a communication, the I2C-bus must be free or not busy. It means that the SCL
and SDA lines must both be released by all devices on the bus, and they become
HIGH by the bus pull-up resistors.
2. The host must provide SCL clock pulses necessary for the communication. Data is
transferred in a sequence of 9 SCL clock pulses for every 8-bit data byte followed by
1-bit status of the acknowledgement.
3. During data transfer, except the START and STOP signals, the SDA signal must be
stable while the SCL signal is HIGH. It means that the SDA signal can be changed
only during the LOW duration of the SCL line.
4. S: START signal, initiated by the host to start a communication, the SDA goes from
HIGH to LOW while the SCL is HIGH.
5. RS: RE-START signal, same as the START signal, to start a read command that
follows a write command.
6. P: STOP signal, generated by the host to stop a communication, the SDA goes from
LOW to HIGH while the SCL is HIGH. The bus becomes free thereafter.
7. W: write bit, when the write/read bit = LOW in a write command.
8. R: read bit, when the write/read bit = HIGH in a read command.
9. A: device acknowledge bit, returned by the LM75A. It is LOW if the device works
properly and HIGH if not. The host must release the SDA line during this period in
order to give the device the control on the SDA line.
10. A’: master acknowledge bit, not returned by the device, but set by the master or host
in reading 2-byte data. During this clock period, the host must set the SDA line to
LOW in order to notify the device that the first byte has been read for the device to
provide the second byte onto the bus.
11. NA: Not Acknowledge bit. During this clock period, both the device and host release
the SDA line at the end of a data transfer, the host is then enabled to generate the
STOP signal.
12. In a write protocol, data is sent from the host to the device and the host controls the
SDA line, except during the clock period when the device sends the device
acknowledgement signal to the bus.
13. In a read protocol, data is sent to the bus by the device and the host must release the
SDA line during the time that the device is providing data onto the bus and controlling
the SDA line, except during the clock period when the master sends the master
acknowledgement signal to the bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com