Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2114 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LPC2114
Description  Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2114 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LPC2114 Datasheet HTML 4Page - NXP Semiconductors LPC2114 Datasheet HTML 5Page - NXP Semiconductors LPC2114 Datasheet HTML 6Page - NXP Semiconductors LPC2114 Datasheet HTML 7Page - NXP Semiconductors LPC2114 Datasheet HTML 8Page - NXP Semiconductors LPC2114 Datasheet HTML 9Page - NXP Semiconductors LPC2114 Datasheet HTML 10Page - NXP Semiconductors LPC2114 Datasheet HTML 11Page - NXP Semiconductors LPC2114 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
LPC2114_2124_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 10 December 2007
8 of 40
NXP Semiconductors
LPC2114/2124
Single-chip 16/32-bit microcontrollers
P1[16]/
TRACEPKT0
16
O
Trace Packet, bit 0. Standard I/O port with internal pull-up.
P1[17]/
TRACEPKT1
12
O
Trace Packet, bit 1. Standard I/O port with internal pull-up.
P1[18]/
TRACEPKT2
8
O
Trace Packet, bit 2. Standard I/O port with internal pull-up.
P1[19]/
TRACEPKT3
4
O
Trace Packet, bit 3. Standard I/O port with internal pull-up.
P1[20]/
TRACESYNC
48
O
Trace Synchronization. Standard I/O port with internal pull-up.
Note: LOW on this pin while RESET is LOW, enables pins P1[25:16] to operate as
Trace port after reset.
P1[21]/
PIPESTAT0
44
O
Pipeline Status, bit 0. Standard I/O port with internal pull-up.
P1[22]/
PIPESTAT1
40
O
Pipeline Status, bit 1. Standard I/O port with internal pull-up.
P1[23]/
PIPESTAT2
36
O
Pipeline Status, bit 2. Standard I/O port with internal pull-up.
P1[24]/
TRACECLK
32
O
Trace Clock. Standard I/O port with internal pull-up.
P1[25]/EXTIN0
28
I
External Trigger Input. Standard I/O with internal pull-up.
P1[26]/RTCK
24
I/O
Returned Test Clock output. Extra signal added to the JTAG port. Assists debugger
synchronization when processor frequency varies. Bidirectional pin with internal
pull-up.
Note: LOW on this pin while RESET is LOW, enables pins P1[31:26] to operate as
Debug port after reset.
P1[27]/TDO
64
O
Test Data out for JTAG interface.
P1[28]/TDI
60
I
Test Data in for JTAG interface.
P1[29]/TCK
56
I
Test Clock for JTAG interface. This clock must be slower than 1
⁄6 of the CPU clock
(CCLK) for the JTAG interface to operate.
P1[30]/TMS
52
I
Test Mode Select for JTAG interface.
P1[31]/TRST
20
I
Test Reset for JTAG interface.
n.c.
10
pin not connected.
RESET
57
I
external reset input; a LOW on this pin resets the device, causing I/O ports and
peripherals to take on their default states, and processor execution to begin at
address 0. TTL with hysteresis, 5 V tolerant.
XTAL1
62
I
input to the oscillator circuit and internal clock generator circuits.
XTAL2
61
O
output from the oscillator amplifier.
VSS
6, 18, 25,
42, 50
I
ground: 0 V reference.
VSSA
59
I
analog ground; 0 V reference. This should nominally be the same voltage as VSS,
but should be isolated to minimize noise and error.
VSSA(PLL)
58
I
PLL analog ground; 0 V reference. This should nominally be the same voltage as
VSS, but should be isolated to minimize noise and error.
VDD(1V8)
17, 49
I
1.8 V core power supply; this is the power supply voltage for internal circuitry.
Table 3.
Pin description …continued
Symbol
Pin
Type Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com