| Electronic Components Datasheet Search |
|
LPC2104FBD48/01 Datasheet(PDF) 19 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2104FBD48/01 Datasheet(HTML) 19 Page - NXP Semiconductors |
|
19 / 41 page ![]() LPC2104_2105_2106_7 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 07 — 20 June 2008 19 of 41 NXP Semiconductors LPC2104/2105/2106 Single-chip 32-bit microcontrollers 6.14.1 Features • A 32-bit Timer/Counter with a programmable 32-bit Prescaler. • Up to four (Timer 1) and three (Timer 0) 32-bit capture channels, that can take a snapshot of the timer value when an input signal transitions. A capture event may also optionally generate an interrupt. • Four 32-bit match registers that allow: – Continuous operation with optional interrupt generation on match. – Stop timer on match with optional interrupt generation. – Reset timer on match with optional interrupt generation. • Up to four (Timer 1) and three (Timer 0) external outputs corresponding to match registers, with the following capabilities: – Set LOW on match. – Set HIGH on match. – Toggle on match. – Do nothing on match. 6.14.2 Features available in LPC2104/2105/2106/01 only The LPC2104/2105/2106/01 can count external events on one of the capture inputs if the external pulse lasts at least one half of the period of the PCLK. In this configuration, unused capture lines can be selected as regular timer capture inputs or used as external interrupts. • Timer can count cycles of either the peripheral clock (PCLK) or an externally supplied clock. • When counting cycles of an externally supplied clock, only one of the timer’s capture inputs can be selected as the timer’s clock. The rate of such a clock is limited to PCLK ⁄ 4. Duration of HIGH/LOW levels on the selected CAP input cannot be shorter than 1 ⁄ (2PCLK). 6.15 Watchdog timer The purpose of the Watchdog is to reset the microcontroller within a reasonable amount of time if it enters an erroneous state. When enabled, the Watchdog will generate a system reset if the user program fails to ‘feed’ (or reload) the Watchdog within a predetermined amount of time. 6.15.1 Features • Internally resets chip if not periodically reloaded. • Debug mode. • Enabled by software but requires a hardware reset or a watchdog reset/interrupt to be disabled. • Incorrect/Incomplete feed sequence causes reset/interrupt if enabled. • Flag to indicate watchdog reset. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |